Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG TLE4955C Datasheet HTML 10Page - Infineon Technologies AG TLE4955C Datasheet HTML 11Page - Infineon Technologies AG TLE4955C Datasheet HTML 12Page - Infineon Technologies AG TLE4955C Datasheet HTML 13Page - Infineon Technologies AG TLE4955C Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
10
Version1.0
2016-06-15
TLE4955C
Confidential
Operating Range
5
Operating Range
All parameters specified in the following sections refer to these operating conditions unless otherwise
noticed. For further details please refer also to any relevant Application Notes.
Note:
Magnetic parameters are valid for sinusoidal signals and characterized for f > 1 Hz.
Table 3
Operating Range
Parameter
Symbol
Values
Unit Note or Test Condition
Min. Typ. Max.
Supply voltage
VDDIC
4
20
V
Directly on the IC leads
Supply voltage modulation VAC
6V
VDD = 13 V; 0< fmod < 150 kHz1) peak-to-
peak
1) Sine wave.
Operating junction
temperature
Tj
either
-40
110 °C
12500 h
or
125 °C
10000 h
or
150 °C
5000 h
or
160 °C
2500 h
or
170 °C
500 h
Junction temperature
variation between two
consecutive magnetic
edges3)
Tj_var
-60
60
K
Values apply for ΔBspeed and ΔBdir > 2.5mT
(amplitude) in calibrated mode. In case of
uncalibrated sensor, values apply for
ΔBspeed and ΔBdir > 7.5mT (amplitude).
Frequency range of
magnetic input signal2)
2) No time based watchdog.
f0
12
kHz
Bias-induction3)
3) Not subject to production test, verified by design/characterization.
Bo
-500
+500 mT Magnetic bias induction at the position of
each sensing element (B1, B2, B3)
Differentialbias-induction3) ΔBstatl/r
-30
+30 mT Difference of the magnetic bias induction
between left (B1) and right (B2) sensing
element
Differential bias-induction
between mean value at left,
right and center sensing
elements3)
ΔBstatm/o
-30
+30 mT Difference of the magnetic bias induction
between (B2+B1)/2 and B3
Speed signal range
ΔBspeed,range -120
120 mT
Minimum speed signal
ΔBspeed-limit 0.6 1.1 2.0
mT Amplitude value, 99% criteria4)
4) 99% criterion stands for 1 out of 100 pulses is missing.
Minimum direction signal
ΔBdir-limit
0.1 0.18 0.36 mT Amplitude value, 99% criteria3)4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com