Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4955C Datasheet HTML 2Page - Infineon Technologies AG TLE4955C Datasheet HTML 3Page - Infineon Technologies AG TLE4955C Datasheet HTML 4Page - Infineon Technologies AG TLE4955C Datasheet HTML 5Page - Infineon Technologies AG TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG TLE4955C Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Data Sheet
6
Version1.0
2016-06-15
TLE4955C
Confidential
Operating Modes and States
2
Operating Modes and States
2.1
Uncalibrated and Calibrated Mode
After power on the differential magnetic speed signal is tracked by an analog to digital converter (Tracking
ADC) and monitored within the digital core. If the signal slope is identified as a rising edge, the first output
pulse is triggered. A second trigger pulse is issued as soon as the next rising edge is detected (see Figure 4 ). In
uncalibrated mode, the output protocols are triggered by the DNC (detection noise constant) in the speed
path. After start up the first DNC value is set to 2xΔBspeed-limit and after that the DNC is adapted to the magnetic
input signal amplitude (ΔBspeed) with a minimum of 2xΔBspeed-limit.
The offset update starts if two valid extrema values are found and the direction of the update has the same
orientation as the magnetic signal. For example, a positive offset update is being issued on a rising magnetic
edge only. The offset update is done independent from the output switching. After a successful offset
correction, the sensor is in calibrated mode. Switching occurs at the adaptive hysteresis threshold level.
In calibrated mode, the DNC is adapted to magnetic input signal amplitude (as ΔBspeed /2) with a minimum of
2xΔBspeed-limit. The output pulses are then triggered with adaptative hysteresis.
In uncalibrated mode (after start-up or reset) for signals with amplitude smaller than 2*ΔBlimit (either for
direction or speed signal), the sensor always provides the first two pulses and could suppress the third one.
The pulse corresponding to the fourth magnetic period is calibrated, thus including the direction information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com