Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4955C Datasheet HTML 1Page - Infineon Technologies AG TLE4955C Datasheet HTML 2Page - Infineon Technologies AG TLE4955C Datasheet HTML 3Page - Infineon Technologies AG TLE4955C Datasheet HTML 4Page - Infineon Technologies AG TLE4955C Datasheet HTML 5Page - Infineon Technologies AG TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
Version 1.0
www.infineon.com/sensors
2016-06-15
Confidential
TLE4955C
Differential Hall Effect
Transmission Speed Sensors
Features
• High magnetic sensitivity
• Large operating airgap
• Two wire PWM current interface
•Fast start-up
• Dynamic self calibration principle
• Adaptive hysteresis
• Detection of rotation direction
• High vibration suppression capability
• From zero speed up to 12 kHz1)
• Wide operating temperature ranges
• High resistance to piezo effects
• Single chip solution
• Magnetic encoder and ferromagnetic wheel application
• South and north pole pre-induction possible
• Green package with lead-free plating
• Module style package with integrated overmolded capacitor 2)
–1.8 nF between VDD and GND
• AEC-Q100 qualified
• Green Product (RoHS compliant)
Applications
The TLE4955C is an integrated differential Hall effect sensor for transmission applications with two wire PWM
output current interface. Its basic function is to provide information about rotational speed and direction of
rotation to the transmission control unit. TLE4955C includes a sophisticated algorithm which actively
suppresses vibration while keeping excellent air gap performance.
Description
1) Magnetic parameters are valid and characterized for f > 1 Hz
2) Value of capacitor: 1.8 nF +/-10% (excluded drift because of temperature and over lifetime); ceramic: X8R; maximum voltage: 50 V.
Product Name
Ordering Code
Marking
Package
TLE4955C
SP001368954
55BIC0
PG-SSO-2-53


Similar Part No. - TLE4955C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4955C-E2 INFINEON-TLE4955C-E2 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
TLE4955C-E4 INFINEON-TLE4955C-E4 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
TLE4955C-E41184 INFINEON-TLE4955C-E41184 Datasheet
991Kb / 22P
Differential Hall Effect Transmission Speed Sensors
Version 1.01 2018-03-25
More results

Similar Description - TLE4955C

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
logo
Infineon Technologies A...
TLE4955C-E4 INFINEON-TLE4955C-E4 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
TLE4955C-E2 INFINEON-TLE4955C-E2 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
logo
Littelfuse
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
Hall Effect Sensors
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
Hall Effect Sensors
logo
Honeywell Solid State E...
LCZ HONEYWELL-LCZ Datasheet
185Kb / 4P
Hall-effect Zero Speed Sensors
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
logo
Infineon Technologies A...
TLE4955C-E41184 INFINEON-TLE4955C-E41184 Datasheet
991Kb / 22P
Differential Hall Effect Transmission Speed Sensors
Version 1.01 2018-03-25
TLE4953X INFINEON-TLE4953X Datasheet
1Mb / 21P
Differential Hall Effect Transmission Speed Sensors
Version 4.1, 2018-01-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com