Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4955C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4955C
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4955C Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4955C Datasheet HTML 1Page - Infineon Technologies AG TLE4955C Datasheet HTML 2Page - Infineon Technologies AG TLE4955C Datasheet HTML 3Page - Infineon Technologies AG TLE4955C Datasheet HTML 4Page - Infineon Technologies AG TLE4955C Datasheet HTML 5Page - Infineon Technologies AG TLE4955C Datasheet HTML 6Page - Infineon Technologies AG TLE4955C Datasheet HTML 7Page - Infineon Technologies AG TLE4955C Datasheet HTML 8Page - Infineon Technologies AG TLE4955C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
5
Version1.0
2016-06-15
TLE4955C
Confidential
Functional Description
1.2
Block Diagram
Figure 3
Block Diagram
The speed signal calculated out of B2-B1, is amplified, low pass filtered and digitized. An algorithm in the digital
core for peak detection and offset calculation will be executed. The offset is fed back into the speed signal path
with a digital to analog converter for offset correction. The adaptive hysteresis comparator compares the
speed signal to the hysteresis value. During uncalibrated mode, the output of the speed pulse is triggered in
the digital core by exceeding a certain threshold.
The direction signal is calculated out of the three Hall signals. The direction signal is amplified, filtered, and
digitized. In the digital core the direction and the vibration detection information is determined and the data
protocol is issued. The direction information is converted to a current modulated signal.
Supply
Comparator
LPF
dir
calc
Offset DAC
LPF
∆Bdir
gs1
gd
B2
B3
B1
2 (right)
1 (left)
3 (center )
speed signal: ∆Bspeed=B2-B1
direction signal: ∆Bdir=B3-(B2+B1)/2
Pre-Amplifier with dB dir calculation
Amplifier Speed Path
ESD
VDD
Supply Voltage Generation
Bandgap
Oscillator
Offset
Calculation
multiplexed
ADC
Output
Protocol
Tracking
ADC
Algorithm
Direction
Detection
Adaptive
Hysteresis
Comparator
Vibration
Detection
∆Bspeed
Current
Modulator
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com