Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 65 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 61Page - STMicroelectronics ADE3000SXT Datasheet HTML 62Page - STMicroelectronics ADE3000SXT Datasheet HTML 63Page - STMicroelectronics ADE3000SXT Datasheet HTML 64Page - STMicroelectronics ADE3000SXT Datasheet HTML 65Page - STMicroelectronics ADE3000SXT Datasheet HTML 66Page - STMicroelectronics ADE3000SXT Datasheet HTML 67Page - STMicroelectronics ADE3000SXT Datasheet HTML 68Page - STMicroelectronics ADE3000SXT Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
65/88
ADE3XXX
SRGB Block
Figure 8: Color Space Warp
Table 22: SRGB Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Default
Description
SRGB_CTRL
0x0D00
R/W
[7:6]
0x0
Reserved
R/W
[5:4]
0x0
GAMMA_B Control
0x0: Disable
0x1: Full Screen
0x2: Windowed
0x3: Reserved
R/W
[3:2]
0x0
GAMMA_A Control
0x0: Disable
0x1: Full Screen
0x2: Windowed
0x3: Reserved
R/W
[1:0]
0x0
SRGB Control
0x0: Disabled
0x1: Full Screen
0x2: Windowed
0x3: Reserved
SRGB_BLACK_R
0x0D01
R/W
[7:0]
0x0
Black Point Red Delta
SRGB_BLACK_G
0x0D02
R/W
[7:0]
0x0
Black Point Green Delta
SRGB_BLACK_B
0x0D03
R/W
[7:0]
0x0
Black Point Blue Delta
SRGB_RED_R
0x0D04
R/W
[7:0]
0x0
Red Point Red Delta
SRGB_RED_G
0x0D05
R/W
[7:0]
0x0
Red Point Green Delta
SRGB_RED_B
0x0D06
R/W
[7:0]
0x0
Red Point Blue Delta
SRGB_GREEN_R
0x0D07
R/W
[7:0]
0x0
Green Point Red Delta
SRGB_GREEN_G
0x0D08
R/W
[7:0]
0x0
Green Point Green Delta
SRGB_GREEN_B
0x0D09
R/W
[7:0]
0x0
Green Point Blue Delta
SRGB_BLUE_R
0x0D0A
R/W
[7:0]
0x0
Blue Point Red Delta
SRGB_BLUE_G
0x0D0B
R/W
[7:0]
0x0
Blue Point Green Delta
SRGB_BLUE_B
0x0D0C
R/W
[7:0]
0x0
Blue Point Blue Delta
SRGB_YELLOW_R
0x0D0D
R/W
[7:0]
0x0
Yellow Point Red Delta
SRGB_YELLOW_G
0x0D0E
R/W
[7:0]
0x0
Yellow Point Green Delta
SRGB_YELLOW_B
0x0D0F
R/W
[7:0]
0x0
Yellow Point Blue Delta
SRGB_CYAN_R
0x0D10
R/W
[7:0]
0x0
Cyan Point Red Delta
Color Space Warp
IN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com