Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 48 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 44Page - STMicroelectronics ADE3000SXT Datasheet HTML 45Page - STMicroelectronics ADE3000SXT Datasheet HTML 46Page - STMicroelectronics ADE3000SXT Datasheet HTML 47Page - STMicroelectronics ADE3000SXT Datasheet HTML 48Page - STMicroelectronics ADE3000SXT Datasheet HTML 49Page - STMicroelectronics ADE3000SXT Datasheet HTML 50Page - STMicroelectronics ADE3000SXT Datasheet HTML 51Page - STMicroelectronics ADE3000SXT Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
Programmable Nonlinearity Block
ADE3XXX
48/88
2.13
Programmable Nonlinearity Block
The programmable nonlinearity (PNL) block performs a gamma type enhancement to all color
channels prior to the scaler to suppress halo and roping effects. For best performance, tune the
DMEAS_DATA_DMM_PCD_L
0x0926
R
[7:0]
Result for DMM pixel cumulative distribution
DMEAS_DATA_DMM_PCD_M
0x0927
R
[7:0]
DMEAS_DATA_DMM_PCD_H
0x0928
R
[7:0]
DMEAS_DATA_DMM_HPOSMIN_L
0x0929
R
[7:0]
DMM Hposition of first pixel [7:0]
DMEAS_DATA_DMM_HPOSMIN_H
0x092A
[7:4]
Reserved
R
[3:0]
DMM Hposition of first pixel [11:8]
DMEAS_DATA_DMM_HPOSMAX_L
0x092B
R
[7:0]
DMM Hposition of last pixel [7:0]
DMEAS_DATA_DMM_HPOSMAX_H
0x092C
[7:4]
Reserved
R
[3:0]
DMM Hposition of last pixel [11:8]
DMEAS_DATA_DMM_VPOSMIN_L
0x092D
R
[7:0]
DMM Vposition of first line [7:0]
DMEAS_DATA_DMM_VPOSMIN_H
0x092E
[7:4]
Reserved
R
[3:0]
DMM Vposition of first line [11:8]
DMEAS_DATA_DMM_VPOSMAX_L
0x092F
R
[7:0]
DMM Vposition of last line [7:0]
DMEAS_DATA_DMM_VPOSMAX_H
0x0930
[7:4]
Reserved
R
[3:0]
DMM Vposition of last line [11:8]
DMEAS_DATA_DMM_SIZE_L
0x0931
R
[7:0]
number of INCLKs per DE = input horizontal
pixel size for DVI mode selection.
DMEAS_DATA_DMM_SIZE_H
0x0932
R
[7:0]
DMEAS_DATA_DMM_DE_STATUS
0x0933
[7:1]
Reserved
R
[0]
DE measured value does not match expected
value within the DE tolerance
DMEAS_SCR_PAD_0
0x0934
R
[7:0]
0x0
Scratch Pad Registers
DMEAS_SCR_PAD_1
0x0935
R/W
[7:0]
DMEAS_SCR_PAD_2
0x0936
R/W
[7:0]
DMEAS_SCR_PAD_3
0x0937
R/W
[7:0]
DMEAS_SCR_PAD_4
0x0938
R/W
[7:0]
DMEAS_SCR_PAD_5
0x0939
R/W
[7:0]
DMEAS_SCR_PAD_6
0x093A
R/W
[7:0]
DMEAS_SCR_PAD_7
0x093B
R/W
[7:0]
DMEAS_SCR_PAD_8
0x093C
R/W
[7:0]
DMEAS_SCR_PAD_9
0x093D
R/W
[7:0]
DMEAS_SCR_PAD_10
0x093E
R/W
[7:0]
DMEAS_SCR_PAD_11
0x093F
R/W
[7:0]
DMEAS_SCR_PAD_12
0x0940
R/W
[7:0]
DMEAS_SCR_PAD_13
0x0941
R/W
[7:0]
DMEAS_SCR_PAD_14
0x0942
R/W
[7:0]
DMEAS_SCR_PAD_15
0x0943
R/W
[7:0]
Table 16: Data Measurement Registers (Sheet 5 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com