Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 31 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 27Page - STMicroelectronics ADE3000SXT Datasheet HTML 28Page - STMicroelectronics ADE3000SXT Datasheet HTML 29Page - STMicroelectronics ADE3000SXT Datasheet HTML 30Page - STMicroelectronics ADE3000SXT Datasheet HTML 31Page - STMicroelectronics ADE3000SXT Datasheet HTML 32Page - STMicroelectronics ADE3000SXT Datasheet HTML 33Page - STMicroelectronics ADE3000SXT Datasheet HTML 34Page - STMicroelectronics ADE3000SXT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
31/88
ADE3XXX
Sync Retiming Block
SRTXK_VSYNC_SEL
0x01E5
R/W
[7:3]
Reserved
[2:0]
0x0
filtered vert sync source select
0x0: avsync pin
0x1: vsync from composite ahsync pin
0x2: vsync from composite acsync pin
0x3: Reserved
0x4: DVI vsync
0x5: YUV vsync
0x6 - 0x7: Reserved
SRTXK_VSYNC_THR_L
0x01E6
R/W
[7:0]
0x080
filtered vert sync delay [7:0]
SRTXK_VSYNC_THR_H
0x01E7
R/W
[7:4]
Reserved
R/W
[3:0]
filtered vert sync delay [11:8]
SRTXK_COAST_VS_SEL
0x01E8
[7:4]
0x0
Reserved
R/W
[3]
0x0
coast signal trigger edge
0: posedge of selected vertical
1: negedge of selected vertical
R/W
[2:0]
0x0
source select for coast vert sync trigger
0x0: avsync pin
0x1: vsync from ahsync pin
0x2: vsync from acsync pin
0x3: Reserved
0x4: DVI vsync
0x5: YUV vsync
0x6: srt vsync (filtered vsync)
0x7: Reserved
SRTXK_COAST_RISE_L
0x01E9
R/W
[7:0]
0x0
rising edge of coast, in XCLKs from vsync
trigger
SRTXK_COAST_RISE_M
0x01EA
R/W
[7:0]
0x0
SRTXK_COAST_RISE_H
0x01EB
R/W
[7:0]
0x0
SRTXK_COAST_FALL_L
0x01EC
R/W
[7:0]
0x0
falling edge of coast, in XCLKs from vsync
trigger
SRTXK_COAST_FALL_M
0x01ED
R/W
[7:0]
0x0
SRTXK_COAST_FALL_H
0x01EE
R/W
[7:0]
0x0
SRTIK_HS_CTRL
0x01F0
[7:3]
0x0
Reserved
R/W
[2]
0x0
Resample clock edge to transfer hsync into
the INCLK domain; depends on LLK phase
offset value.
0: posedge INCLK
1: negedge INCLK
R/W
[1:0]
0x0
horz sync source select for resampling into
the INCLK domain
0x0: LLPLL lock sync (normal)
0x1: ahsync pin
0x2: acsync pin
0x3: Reserved
SRTIK_VS_SEL
0x01F1
[7:2]
0x0
Reserved
R/W
[1:0]
0x0
vert sync source select for resampling
0x0: avsync pin
0x1: vsync from ahsync pin
0x2: vsync from acsync pin
0x3: srt vsync (filtered vsync)
Table 12: Sync Retiming Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com