Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 61 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 57Page - STMicroelectronics ADE3000SXT Datasheet HTML 58Page - STMicroelectronics ADE3000SXT Datasheet HTML 59Page - STMicroelectronics ADE3000SXT Datasheet HTML 60Page - STMicroelectronics ADE3000SXT Datasheet HTML 61Page - STMicroelectronics ADE3000SXT Datasheet HTML 62Page - STMicroelectronics ADE3000SXT Datasheet HTML 63Page - STMicroelectronics ADE3000SXT Datasheet HTML 64Page - STMicroelectronics ADE3000SXT Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
61/88
ADE3XXX
Pattern Generator Block
When the programmed block size corresponds to a larger 8x8 grid than the total screen area, only
the blocks or part of blocks included in the output screen space are rendered. The 8x8 block set is
upper left justified. All blocks from the right and bottom sides which are outside the total display area
are not rendered.
When the programmed block size corresponds to a smaller 8x8 grid than the total screen area, the
part of the screen area which is outside the 8x8 grid is forced to black.
Pattern Engine
The pattern generator has two pattern display engines to display two patterns simultaneously on the
LCD screen. Each engine displays horizontal or vertical bicolor stripes, bicolor checkers, color bars,
gray scales or color scales. It is also possible to select the video stream from the scaler as a pattern.
The pattern engine displays a bi-directional x-y symmetric pattern. Two 24b colors, C0 and C1, are
alternately displayed with a horizontal period of Width and vertical period of Height. Programming a
large Width and a small Height generates horizontal bars whereas the opposite generates vertical
bars. Programming small numbers for Width and Height generates checker patterns.
Both patterns are also given X and Y offset attributes, they can be centered inside the grid blocks.
A gradient effect can be applied independently on each pattern, to either or both horizontal and
vertical directions. The gradient effect takes two parameters: STEP and DELTA that define a ramp.
Borders
The border generator adds a single pixel width border to the whole display area. Each side color of
the display is selectable among 8 independent colors.
Table 21: PGEN Registers (Sheet 1 of 4)
Register Name
Addr
Mode
Bits
Default
Description
PGEN_PGEN_ENAB
0x0600
[7:1]
Reserved
R/W
[0]
0x0
0 = disable PGEN block
1 = enable PGEN block
PGEN_GRID0
0x0601
R/W
[7:0]
0x0
Grid Row 0
PGEN_GRID1
0x0602
R/W
[7:0]
0x0
Grid Row 1
PGEN_GRID2
0x0603
R/W
[7:0]
0x0
Grid Row 2
PGEN_GRID3
0x0604
R/W
[7:0]
0x0
Grid Row 3
PGEN_GRID4
0x0605
R/W
[7:0]
0x0
Grid Row 4
PGEN_GRID5
0x0606
R/W
[7:0]
0x0
Grid Row 5
PGEN_GRID6
0x0607
R/W
[7:0]
0x0
Grid Row 6
PGEN_GRID7
0x0608
R/W
[7:0]
0x0
Grid Row 7
PGEN_GRID_X_L
0x0609
R/W
[7:0]
0x0
width of a grid block in pixels [7:0]
PGEN_GRID_X_H
0x060A
[7:4]
Reserved
R/W
[3:0]
0x0
width of a grid block in pixels [11:8]
PGEN_GRID_Y_L
0x060B
R/W
[7:0]
0x0
height of a grid block in pixels [7:0]
PGEN_GRID_Y_H
0x060C
[7:4]
Reserved
R/W
[3:0]
0x0
height of a grid block in pixels [11:8]
PGEN_GRID_X_OFFSET_X_L
0x060D
R/W
[7:0]
0x0
grid block horizontal offset in pixels [7:0]
PGEN_GRID_X_OFFSET_X_H
0x060E
[7:4]
Reserved
R/W
[3:0]
0x0
grid block horizontal offset in pixels [11:8]
PGEN_GRID_Y_OFFSET_Y_L
0x060F
R/W
[7:4]
0x0
grid block vertical offset in pixels
PGEN_GRID_Y_OFFSET_Y_H
0x0610
R/W
[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com