Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 45 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 41Page - STMicroelectronics ADE3000SXT Datasheet HTML 42Page - STMicroelectronics ADE3000SXT Datasheet HTML 43Page - STMicroelectronics ADE3000SXT Datasheet HTML 44Page - STMicroelectronics ADE3000SXT Datasheet HTML 45Page - STMicroelectronics ADE3000SXT Datasheet HTML 46Page - STMicroelectronics ADE3000SXT Datasheet HTML 47Page - STMicroelectronics ADE3000SXT Datasheet HTML 48Page - STMicroelectronics ADE3000SXT Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
45/88
ADE3XXX
Data Measurement Block
DMEAS_COLOR_CTRL
0x0901
[7:4]
Reserved
R/W
[3:2]
0x0
color channel for DMM Min / Max, PCD; does
not apply to H position, V position
0x0: All
0x1: Red
0x2: Green
0x3: Blue
R/W
[1:0]
0x0
color channel for PHM Edge Intensity and
Pixel Sum algorithms
0x0: All
0x1: Red
0x2: Green
0x3: Blue
DMEAS_THR_PHM_EDGE
0x0902
R/W
[7:0]
0x0
threshold value for PHM Edge Intensity
algorithm
DMEAS_THR_DMM
0x0903
R/W
[7:0]
0x0
threshold value for DMM Min / Max, PCD, H
position, V position
DMEAS_WIN_PHM_MINX_L
0x0904
R/W
[7:0]
0x0
minimum X PHM window [7:0]
DMEAS_WIN_PHM_MINX_H
0x0905
[7:4]
Reserved
R/W
[3:0]
minimum X PHM window [11:8]
relative to hsync
DMEAS_WIN_PHM_MAXX_L
0x0906
R/W
[7:0]
0xFFF
maximum X PHM window [7:0]
DMEAS_WIN_PHM_MAXX_H
0x0907
[7:4]
Reserved
R/W
[3:0]
maximum X PHM window [11:8]
Relative to hsync, must be less than input
horizontal total (LLK_LINELEN for analog
input).
DMEAS_WIN_PHM_MINY_L
0x0908
R/W
[7:0]
0x0
minimum Y PHM window [7:0]
DMEAS_WIN_PHM_MINY_H
0x0909
[7:4]
Reserved
R/W
[3:0]
minimum Y PHM window [11:8]
relative to vsync
DMEAS_WIN_PHM_MAXY_L
0x090A
R/W
[7:0]
0xFFF
maximum Y PHM window [7:0]
DMEAS_WIN_PHM_MAXY_H
0x090B
[7:4]
Reserved
R/W
[3:0]
maximum Y PHM window [11:8]
relative to vsync
DMEAS_WIN_DMM_MINX_L
0x090C
R/W
[7:0]
0x0
minimum X DMM window [7:0]
DMEAS_WIN_DMM_MINX_H
0x090D
[7:4]
0x0
Reserved
R/W
[3:0]
minimum X DMM window [11:8]
relative to hsync, does not apply for V
position
DMEAS_WIN_DMM_MAXX_L
0x090E
R/W
[7:0]
0xFFF
maximum X DMM window [7:0]
DMEAS_WIN_DMM_MAXX_H
0x090F
[7:4]
0xFFF
Reserved
R/W
[3:0]
maximum X DMM window [11:8]
relative to hsync, does not apply for V
position
DMEAS_WIN_DMM_MINY_L
0x0910
R/W
[7:0]
0x0
minimum Y DMM window [7:0]
Table 16: Data Measurement Registers (Sheet 2 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com