Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 6 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 2Page - STMicroelectronics ADE3000SXT Datasheet HTML 3Page - STMicroelectronics ADE3000SXT Datasheet HTML 4Page - STMicroelectronics ADE3000SXT Datasheet HTML 5Page - STMicroelectronics ADE3000SXT Datasheet HTML 6Page - STMicroelectronics ADE3000SXT Datasheet HTML 7Page - STMicroelectronics ADE3000SXT Datasheet HTML 8Page - STMicroelectronics ADE3000SXT Datasheet HTML 9Page - STMicroelectronics ADE3000SXT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
Pin Description
ADE3XXX
6/88
1.1
Pin Description
Sync / Timing
Measurement
Once an input source is selected, all available information on frequencies and
line/pixel counts is measured for the selected source and made available to the
MCU.
SMEAS
32
Mode Set
Once the MCU has determined the matching video mode or calculated a video
mode using a GTF algorithm, the datapath is programmed to drive the flat panel.
Clock frequencies for the internal memory and datapath are also set at this time.
GLBL
LLK
SRT
DMUX
SMUX
SCALER
PNL
13
19
30
42
40
49
48
Autotune
When the MCU calls for an autotune, the MCU sets up an iterative loop to
search for the best phase, gain, offset, etc. At each step of the loop, the MCU
kicks off a test in which the ADE3XXX which performs extensive statistical
analysis of the incoming data stream. The results of the analysis are made
available to the MCU which is responsible for the optimization algorithm.
DMEAS
LLK
ADC
SMUX
SRT
47
19
18
40
30
Digital Contrast /
Brightness
In response to user OSD control, the MCU can program single 8b registers that
set brightness and contrast for each color channel independently.
SRGB
64
White Point Control In response to user OSD control, the MCU can program three 8b registers that
set the white point for the output.
SRGB
64
Gamma
Adjustment
The MCU can program the gamma RAMs to implement 10b accurate color
transformations.
GAMMA
74
SRGB Control
The SRGB block allows simple, intuitive color control with just a few registers.
SRGB
64
Pattern Generation
For production testing, the ADE3XXX can be programmed by the MCU to output
a wide set of test patterns.
PGEN
60
Flicker Reduction
For smart panel applications, the MCU can set up the flicker detection block to
report any correlation with the polarity inversion signal. The MCU can then
change the polarity inversion to a non-correlating pattern to eliminate flicker.
FLICKER
TCON
72
55
HDCP
The ADE3XXX contains the BlockCipher and Decryption functions - interactions
over DDC are managed by the MCU for maximum flexibility. The MCU models
the slow (frame rate, e.g. 60 Hz) authentication handshaking and state machine
whereas the ADE3XXX handles the fast (line rate, e.g. 50 kHz) decryption state
machine.
HDCP
27
Backlight Control
The ADE3XXX provides two PWM outputs for direct control of the power
components in a typical backlight. The MCU sets up the registers and enables
the function.
PWM
77
Low Power State
To enter a low power state, the MCU can gate of most of the clocks and put the
analog blocks into a low power standby state. The DVI block will still report
activity in standby, allowing "wake on connection" operation.
GLBL
13
Table 2: Pin Description (Sheet 1 of 7)
Pin #
Name
Type
Description
1
YUV6
Input
TV Video Input Port: Data 6
2
YUV5
Input
TV Video Input Port: Data 5
3
YUV4
Input
TV Video Input Port: Data 4
4
YUV3
Input
TV Video Input Port: Data 3
5
YUV2
Input
TV Video Input Port: Data 2
Table 1: ADE3xxx Features (Sheet 2 of 2)
Feature
Description of ADE3XXX Operation
Blocks Used
Pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com