Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 12 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 8Page - STMicroelectronics ADE3000SXT Datasheet HTML 9Page - STMicroelectronics ADE3000SXT Datasheet HTML 10Page - STMicroelectronics ADE3000SXT Datasheet HTML 11Page - STMicroelectronics ADE3000SXT Datasheet HTML 12Page - STMicroelectronics ADE3000SXT Datasheet HTML 13Page - STMicroelectronics ADE3000SXT Datasheet HTML 14Page - STMicroelectronics ADE3000SXT Datasheet HTML 15Page - STMicroelectronics ADE3000SXT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
Pin Description
ADE3XXX
12/88
201
DVDD18
Power
Digital 1.8V VDD
202
DGND
Power
Digital Ground
203
SCL
Input
I2C Clock
204
SDA
Open Drain I/O I2C Data
205
XCLK
Output
Crystal Clock Buffered Output
206
XCLK_EN
Input
Crystal Clock Output Enable
0: XCLK output disabled
1: XCLK output active
207
RESETN
Input
Reset input (Active Low)
208
YUV7
Input
TV Video Input Port: Data 7
Table 2: Pin Description (Sheet 7 of 7)
Pin #
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com