Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 68 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 64Page - STMicroelectronics ADE3000SXT Datasheet HTML 65Page - STMicroelectronics ADE3000SXT Datasheet HTML 66Page - STMicroelectronics ADE3000SXT Datasheet HTML 67Page - STMicroelectronics ADE3000SXT Datasheet HTML 68Page - STMicroelectronics ADE3000SXT Datasheet HTML 69Page - STMicroelectronics ADE3000SXT Datasheet HTML 70Page - STMicroelectronics ADE3000SXT Datasheet HTML 71Page - STMicroelectronics ADE3000SXT Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
OSD Block
ADE3XXX
68/88
effects. An alpha value of 255 makes the OSD opaque, while a value of 0 makes the OSD invisible,
with a linear ramp of transparency between these two endpoints. Separate registers control alpha
for foreground and background pixels.
A fade-in/fade-out feature ramps the alpha values every six frames, starting from their current value
and going up or down the sequence: 0, 16, 32, 64, 128, 192, 224, 240, 255.
Row 15 also contains definitions for the four display windows. These windows define regions on the
screen to which borders and shadows can be applied. (They are not analogous to windows in a GUI
display, in that they do not represent four independent data displays. There is only one character
map. The windows essentially define an area around which a border can be drawn or to which
attributes can be assigned.) Windows also determine which of the two color tables will be used for
the characters inside. Windows have a fixed precedence: window 0 has the highest precedence
and window 3 the lowest. When windows overlap, the precedence determines which borders will be
displayed and which color tables will be used in the overlapping area.
Monochrome and color fonts are affected differently by attribute bytes. Monochrome characters are
affected by shadows and borders, and have their color specified by the foreground/background
attributes. Color characters interpret the attribute byte differently than monochrome characters,
using it to define blinking and 90-degree rotations rather than blinking, foreground color, and
background color.
Color Tables
There are two color tables, each containing sixteen entries by three bytes each, giving a 24-bit RGB
value for each entry. Entry 0 is used for the shadow color for monochrome characters and borders.
Color-table selection is made on a window-by-window basis.
When writing the color table, the “row” value in the first header byte is interpreted as the color table
index, while the “column” value in the second header byte encoded to select the color table (0 or 1)
Figure 9: Character Attribute Map
Character Attributes
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
wa
wa
ga
ga
wa
wa = window attributes
ga = global attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com