Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 83 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 79Page - STMicroelectronics ADE3000SXT Datasheet HTML 80Page - STMicroelectronics ADE3000SXT Datasheet HTML 81Page - STMicroelectronics ADE3000SXT Datasheet HTML 82Page - STMicroelectronics ADE3000SXT Datasheet HTML 83Page - STMicroelectronics ADE3000SXT Datasheet HTML 84Page - STMicroelectronics ADE3000SXT Datasheet HTML 85Page - STMicroelectronics ADE3000SXT Datasheet HTML 86Page - STMicroelectronics ADE3000SXT Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
83/88
ADE3XXX
Nominal Operating Conditions
*
Measured at nominal voltage supplies
**
Measured at +10% voltage supplies
3.3
Nominal Operating Conditions
Table 34: ADE3300
Symbol
Parameter
Min
Typ*
Max**
Unit
Supply Current (Analog Input, XGA@75Hz, 135MHz)
IAVDD18
1.8V analog supply (IAVDD18)
193
199
mA
IDVDD18
1.8V digital supply (IDVDD18)
346
380
mA
IAVDD33
3.3V analog supply (IAVDD33)
109
113
mA
IDVDD33
3.3V digital supply (IDVDD33)
6782mA
Supply Current (DVI Input, XGA@75Hz, 135MHz)
IAVDD18
1.8V analog supply (IAVDD18)
5868mA
IDVDD18
1.8V digital supply (IDVDD18)
371
415
mA
IAVDD33
3.3V analog supply (IAVDD33)
114
120
mA
IDVDD33
3.3V digital supply (IDVDD33)
7794mA
Supply Current (Stand By Mode)
IAVDD18
1.8V analog supply (IAVDD18)3.4
mA
IDVDD18
1.8V digital supply (IDVDD18)3.9
mA
IAVDD33
3.3V analog supply (IAVDD33)3.9
mA
IDVDD33
3.3V digital supply (IDVDD33)3.9
mA
PTOTANA
Total Power Consumption (Analog Input, XGA@75Hz, 135MHz)
1.55
1.85
W
PTOTDVI
Total Power Consumption (DVI Input, XGA@75Hz, 135MHz)
1.4
1.73
W
PSTANDBY
Total Power Consumption (Stand By Mode)
38.9
mW
Symbol
Parameter
Min
Typ
Max
Unit
AVDD18
DVDD18
XVDD18
LVDD18
Supply Voltage
1.71
1.8
1.89
V
AVDD33
DVDD33
Supply Voltage
3.135
3.3
3.465
V
fXTAL
Crystal Frequency
27
MHz
TOPER
Ambient Operating Temperature
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com