Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3000SXT Datasheet(PDF) 86 Page - STMicroelectronics

Part # ADE3000SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SXT Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ADE3000SXT Datasheet HTML 80Page - STMicroelectronics ADE3000SXT Datasheet HTML 81Page - STMicroelectronics ADE3000SXT Datasheet HTML 82Page - STMicroelectronics ADE3000SXT Datasheet HTML 83Page - STMicroelectronics ADE3000SXT Datasheet HTML 84Page - STMicroelectronics ADE3000SXT Datasheet HTML 85Page - STMicroelectronics ADE3000SXT Datasheet HTML 86Page - STMicroelectronics ADE3000SXT Datasheet HTML 87Page - STMicroelectronics ADE3000SXT Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
Preliminary AC Specifications
ADE3XXX
86/88
4
Package Mechanical Data
Note:
Exact shape of each corner is optional
Dimensions (mm)
Dimensions (inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.10
0.161
A1
0.25
0.30
0.40
0.010
A2
3.20
3.40
3.60
0.126
0.134
0.142
B
0.17
0.27
0.007
0.011
C
0.09
0.20
0.003
0.008
D
30.60
1.205
D1
28.00
1.102
D3
25.50
1.004
e
0.50
0.020
E
30.60
1.205
E1
28.00
1.102
E3
25.50
1.004
L
0.45
0.60
0.75
0.018
0.024
0.029
L1
1.30
0.051
K
0° (min.), 3.5°(typ.), 7°(max.)
A
A2
A1
C
52
53
104
105
156
157
208
D3
D1
D
e
1
K
Gage Plane
0.25 mm
.010 in.
Pin 1
Identification
Seating Plane
0.076 mm
.003 inch
Exact shape of each
corner is optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com