Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 166 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 162Page - Texas Instruments OMAP3530ECBB Datasheet HTML 163Page - Texas Instruments OMAP3530ECBB Datasheet HTML 164Page - Texas Instruments OMAP3530ECBB Datasheet HTML 165Page - Texas Instruments OMAP3530ECBB Datasheet HTML 166Page - Texas Instruments OMAP3530ECBB Datasheet HTML 167Page - Texas Instruments OMAP3530ECBB Datasheet HTML 168Page - Texas Instruments OMAP3530ECBB Datasheet HTML 169Page - Texas Instruments OMAP3530ECBB Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-8. GPMC/NOR Flash Interface Switching Characteristics – Asynchronous Mode (continued)
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
FA10
td(nBEV-nCSV)
Delay time,
J(9) – 0.2
J(9) + 2.0
J(9) – 0.2
J(9) + 2.6
J(9) – 0.2
J(9) + 3.7
ns
gpmc_nbe0_cle,
gpmc_nbe1 valid to
gpmc_ncsx(13) valid
FA12
td(nCSV-nADVV)
Delay time,
K(10) –
K(10) +
K(10) –
K(10) +
K(10) –
K(10) +
ns
gpmc_ncsx(13) valid to
0.2
2.0
0.2
2.6
0.2
3.7
gpmc_nadv_ale valid
FA13
td(nCSV-nOEV)
Delay time,
L(11) – 0.2 L(11) + 2.0 L(11) – 0.2 L(11) + 2.6 L(11) – 0.2 L(11) + 3.7
ns
gpmc_ncsx(13) valid to
gpmc_noe valid
FA14
td(nCSV-IODIR)
Delay time,
L(11) – 0.2 L(11) + 2.0 L(11) – 0.2 L(11) + 2.6 L(11) – 0.2 L(11) + 3.7
ns
gpmc_ncsx(13) valid to
gpmc_io_dir high
FA15
td(nCSV-IODIR)
Delay time,
M(14) –
M(14) +
M(14) –
M(14) +
M(14) –
M(14) +
ns
gpmc_ncsx(13) valid to
0.2
2.0
0.2
2.6
0.2
3.7
gpmc_io_dir low
FA16
tw(AIV)
Address invalid
G(7)
G(7)
G(7)
ns
duration between 2
successive R/W
accesses
FA18
td(nCSV-nOEIV)
Delay time,
I(8) – 0.2
I(8) + 2.0
I(8) – 0.2
I(8) + 2.6
I(8) – 0.2
I(8) + 3.7
ns
gpmc_ncsx(13) valid to
gpmc_noe invalid
(Burst read)
FA20
tw(AV)
Pulse duration, address
D(4)
D(4)
D(4)
ns
valid – 2nd, 3rd, and
4th accesses
FA25
td(nCSV-nWEV)
Delay time,
E(5) – 0.2
E(5) + 2.0
E(5) – 0.2
E(5) + 2.6
E(5) – 0.2
E(5) + 3.7
ns
gpmc_ncsx(13) valid to
gpmc_nwe valid
FA27
td(nCSV-nWEIV)
Delay time,
F(6) – 0.2
F(6) + 2.0
F(6) – 0.2
F(6) + 2.6
F(6) – 0.2
F(6) + 3.7
ns
gpmc_ncsx(13) valid to
gpmc_nwe invalid
FA28
td(nWEV-DV)
Delay time, gpmc_ new
2.0
2.6
3.7
ns
valid to data bus valid
FA29
td(DV-nCSV)
Delay time, data bus
J(9) – 0.2
J(9) + 2.0
J(9) – 0.2
J(9) + 2.6
J(9) – 0.2
J(9) + 3.7
ns
valid to gpmc_ncsx(13)
valid
FA37
td(nOEV-AIV)
Delay time, gpmc_noe
2.0
2.6
3.7
ns
valid to
gpmc_a[16:1]_d[15:0]
address phase end
(1) For single read: A = (CSRdOffTime – CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: A = (CSWrOffTime – CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: A = (CSRdOffTime – CSOnTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: A = (CSWrOffTime – CSOnTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK with n
being the page burst access number
(2) For reading: B = ((ADVRdOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) * GPMC_FCLK
For writing: B = ((ADVWrOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) * GPMC_FCLK
(3) C = ((OEOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(4) D = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK
(5) E = ((WEOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(6) F = ((WEOffTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(7) G = Cycle2CycleDelay * GPMC_FCLK
(8) I = ((OEOffTime + (n – 1) * PageBurstAccessTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) *
GPMC_FCLK
(9) J = (CSOnTime * (TimeParaGranularity + 1) + 0.5 * CSExtraDelay) * GPMC_FCLK
(10) K = ((ADVOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – CSExtraDelay)) * GPMC_FCLK
166
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com