Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 80 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 76Page - Texas Instruments OMAP3530ECBB Datasheet HTML 77Page - Texas Instruments OMAP3530ECBB Datasheet HTML 78Page - Texas Instruments OMAP3530ECBB Datasheet HTML 79Page - Texas Instruments OMAP3530ECBB Datasheet HTML 80Page - Texas Instruments OMAP3530ECBB Datasheet HTML 81Page - Texas Instruments OMAP3530ECBB Datasheet HTML 82Page - Texas Instruments OMAP3530ECBB Datasheet HTML 83Page - Texas Instruments OMAP3530ECBB Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
W23
hsusb0_ data6 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_190
4
IO
safe_mode
7
T22
hsusb0_ data7 0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_191
4
IO
safe_mode
7
K20
i2c1_scl
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
K21
i2c1_sda
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
AC15
i2c2_scl
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_168
4
IO
safe_mode
7
AC14
i2c2_sda
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_183
4
IO
safe_mode
7
AC13
i2c3_scl
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_184
4
IO
safe_mode
7
AC12
i2c3_sda
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_185
4
IO
safe_mode
7
Y16
i2c4_scl
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
sys_ nvmode1 1
O
safe_mode
7
Y15
i2c4_sda
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
sys_ nvmode2 1
O
safe_mode
7
A24
hdq_sio
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
sys_altclk
1
I
i2c2_sccbe
2
O
i2c3_sccbe
3
O
gpio_170
4
IO
safe_mode
7
T5
mcspi1_clk
0
IO
L
L
7
vdds
Yes
4
(2)
PU/ PD
LVCMOS
mmc2_dat4
1
IO
gpio_171
4
IO
safe_mode
7
R4
mcspi1_ simo 0
IO
L
L
7
vdds
Yes
4
(2)
PU/ PD
LVCMOS
mmc2_dat5
1
IO
gpio_172
4
IO
safe_mode
7
T4
mcspi1_ somi 0
IO
L
L
7
vdds
Yes
4
(2)
PU/ PD
LVCMOS
mmc2_dat6
1
IO
gpio_173
4
IO
safe_mode
7
T6
mcspi1_cs0
0
IO
H
H
7
vdds
Yes
4
(2)
PU/ PD
LVCMOS
mmc2_dat7
1
IO
gpio_174
4
IO
safe_mode
7
R5
mcspi1_cs3
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
hsusb2_tll_
2
IO
data2
hsusb2_ data2 3
IO
gpio_177
4
IO
mm2_txdat
5
IO
(2)
The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
80
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com