Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 76 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 72Page - Texas Instruments OMAP3530ECBB Datasheet HTML 73Page - Texas Instruments OMAP3530ECBB Datasheet HTML 74Page - Texas Instruments OMAP3530ECBB Datasheet HTML 75Page - Texas Instruments OMAP3530ECBB Datasheet HTML 76Page - Texas Instruments OMAP3530ECBB Datasheet HTML 77Page - Texas Instruments OMAP3530ECBB Datasheet HTML 78Page - Texas Instruments OMAP3530ECBB Datasheet HTML 79Page - Texas Instruments OMAP3530ECBB Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
safe_mode
7
K23
cam_d9
0
I
L
L
7
vdds
NA
4
PD
LVCMOS
gpio_108
4
IO
safe_mode
7
F21
cam_d10
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_109
4
IO
safe_mode
7
G21
cam_d11
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_110
4
IO
safe_mode
7
C22
cam_ xclkb
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_111
4
IO
safe_mode
7
F18
cam_wen
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_ shutter
2
O
gpio_167
4
IO
safe_mode
7
J20
cam_ strobe
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_126
4
IO
safe_mode
7
V20
mcbsp2_fsx
0
IO
L
L
7
vdds
Yes
4
(1)
PU/ PD
LVCMOS
gpio_116
4
IO
safe_mode
7
T21
mcbsp2_ clkx 0
IO
L
L
7
vdds
Yes
4
(1)
PU/ PD
LVCMOS
gpio_117
4
IO
safe_mode
7
V19
mcbsp2_dr
0
I
L
L
7
vdds
Yes
4
(1)
PU/ PD
LVCMOS
gpio_118
4
IO
safe_mode
7
R20
mcbsp2_dx
0
IO
L
L
7
vdds
Yes
4
(1)
PU/ PD
LVCMOS
gpio_119
4
IO
safe_mode
7
M23
mmc1_clk
0
O
L
L
7
vdds_mmc1
Yes
8
PU/ PD
LVCMOS
gpio_120
4
IO
safe_mode
7
L23
mmc1_cmd
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
LVCMOS
gpio_121
4
IO
safe_mode
7
M22
mmc1_dat0
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
LVCMOS
gpio_122
4
IO
safe_mode
7
M21
mmc1_dat1
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
LVCMOS
gpio_123
4
IO
safe_mode
7
M20
mmc1_dat2
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
LVCMOS
gpio_124
4
IO
safe_mode
7
N23
mmc1_dat3
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
LVCMOS
gpio_125
4
IO
safe_mode
7
N22
mmc1_dat4
0
IO
L
L
7
vdds_mmc1a
No
8
PD
LVCMOS
gpio_126
4
IO
safe_mode
7
N21
mmc1_dat5
0
IO
L
L
7
vdds_mmc1a
No
8
PD
LVCMOS
(1)
The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
76
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com