Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 53 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 49Page - Texas Instruments OMAP3530ECBB Datasheet HTML 50Page - Texas Instruments OMAP3530ECBB Datasheet HTML 51Page - Texas Instruments OMAP3530ECBB Datasheet HTML 52Page - Texas Instruments OMAP3530ECBB Datasheet HTML 53Page - Texas Instruments OMAP3530ECBB Datasheet HTML 54Page - Texas Instruments OMAP3530ECBB Datasheet HTML 55Page - Texas Instruments OMAP3530ECBB Datasheet HTML 56Page - Texas Instruments OMAP3530ECBB Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
M1
K1
gpmc_nwe
0
O
1
1
0
vdds
No
4
(6)
NA
LVCMOS
AC6
Y5
gpmc_nwp
0
O
L
0
0
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
gpio_62
4
IO
safe_mode
7
-
AC11
Y10
gpmc_wait0
0
I
H
H
0
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
AC8
Y8
gpmc_wait1
0
I
H
H
7
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
gpio_63
4
IO
safe_mode
7
-
B3
NA
gpmc_wait2
0
I
H
H
7
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
gpio_64
4
IO
safe_mode
7
-
C6
NA
gpmc_wait3
0
I
H
H
7
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
sys_ndmareq
1
I
1
gpio_65
4
IO
safe_mode
7
-
W19
NA
hsusb0_clk
0
I
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
PD100
gpio_120
4
IO
safe_mode
7
-
V20
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
0
PD100
uart3_tx_irtx
2
O
gpio_125
4
IO
safe_mode
7
-
Y20
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
1
PD100
uart3_rx_irrx
2
I
gpio_130
4
IO
safe_mode
7
-
V18
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
2
PD100
uart3_rts_sd
2
O
gpio_131
4
IO
safe_mode
7
-
W20
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
3
PD100
uart3_cts_rct
2
IO
x
gpio_169
4
IO
safe_mode
7
-
W17
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
4
PD100
gpio_188
4
IO
safe_mode
7
-
Y18
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
5
PD100
gpio_189
4
IO
safe_mode
7
-
Y19
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
6
PD100
gpio_190
4
IO
safe_mode
7
-
Y17
NA
hsusb0_data
0
IO
L
L
7
vdds
Yes
4
(7)
PU100/
LVCMOS
7
PD100
(7)
The capacity load range is [2 pf to 6 pF].
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
53
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com