Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 88 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 84Page - Texas Instruments OMAP3530ECBB Datasheet HTML 85Page - Texas Instruments OMAP3530ECBB Datasheet HTML 86Page - Texas Instruments OMAP3530ECBB Datasheet HTML 87Page - Texas Instruments OMAP3530ECBB Datasheet HTML 88Page - Texas Instruments OMAP3530ECBB Datasheet HTML 89Page - Texas Instruments OMAP3530ECBB Datasheet HTML 90Page - Texas Instruments OMAP3530ECBB Datasheet HTML 91Page - Texas Instruments OMAP3530ECBB Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-4. Multiplexing Characteristics (continued)
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
P8
NA
B5
NA
F3
gpmc_ncs6
sys_ndmareq mcbsp4_dx
gpt11_pwm_ gpio_57
safe_mode
3
evt
N8
NA
C5
NA
G4
gpmc_ncs7
gpmc_io_dir
mcbsp4_fsx
gpt8_pwm_e gpio_58
safe_mode
vt
T4
W2
N1
L1
W2
gpmc_clk
gpio_59
safe_mode
F3
W1
AD10
AA9
F1
gpmc_nadv_
ale
G2
V2
N2
L2
F2
gpmc_noe
F4
V1
M1
K1
G3
gpmc_nwe
G3
AC12
K2
FT
(1)
K5
gpmc_nbe0_
gpio_60
safe_mode
cle
U3
NA
J1
NA
L1
gpmc_nbe1
gpio_61
safe_mode
H1
AB10
AC6
Y5
E1
gpmc_nwp
gpio_62
safe_mode
M8
AB12
AC11
Y10
C1
gpmc_wait0
L8
AC10
AC8
Y8
NA
gpmc_wait1
gpio_63
safe_mode
K8
NA
B3
NA
NA
gpmc_wait2
gpio_64
safe_mode
J8
NA
C6
NA
C2
gpmc_wait3
sys_ndmareq
gpio_65
safe_mode
1
D28
NA
G25
NA
G22
dss_pclk
gpio_66
hw_dbg12
safe_mode
D26
NA
K24
NA
E22
dss_hsync
gpio_67
hw_dbg13
safe_mode
D27
NA
M25
NA
F22
dss_vsync
gpio_68
safe_mode
E27
NA
F26
NA
J21
dss_acbias
gpio_69
safe_mode
AG22
NA
AE21
NA
AC19
dss_data0
uart1_cts
dssvenc656_ gpio_70
safe_mode
data0
AH22
NA
AE22
NA
AB19
dss_data1
uart1_rts
dssvenc656_ gpio_71
safe_mode
data1
AG23
NA
AE23
NA
AD20
dss_data2
dssvenc656_ gpio_72
safe_mode
data2
AH23
NA
AE24
NA
AC20
dss_data3
dssvenc656_ gpio_73
safe_mode
data3
AG24
NA
AD23
NA
AD21
dss_data4
uart3_rx_irrx dssvenc656_ gpio_74
safe_mode
data4
AH24
NA
AD24
NA
AC21
dss_data5
uart3_tx_irtx
dssvenc656_ gpio_75
safe_mode
data5
E26
NA
G26
NA
D24
dss_data6
uart1_tx
dssvenc656_ gpio_76
hw_dbg14
safe_mode
data6
F28
NA
H25
NA
E23
dss_data7
uart1_rx
dssvenc656_ gpio_77
hw_dbg15
safe_mode
data7
F27
NA
H26
NA
E24
dss_data8
gpio_78
hw_dbg16
safe_mode
G26
NA
J26
NA
F23
dss_data9
gpio_79
hw_dbg17
safe_mode
AD28
NA
AC26
NA
AC22
dss_data10
gpio_80
safe_mode
AD27
NA
AD26
NA
AC23
dss_data11
gpio_81
safe_mode
AB28
NA
AA25
NA
AB22
dss_data12
gpio_82
safe_mode
AB27
NA
Y25
NA
Y22
dss_data13
gpio_83
safe_mode
AA28
NA
AA26
NA
W22
dss_data14
gpio_84
safe_mode
AA27
NA
AB26
NA
V22
dss_data15
gpio_85
safe_mode
G25
NA
L25
NA
J22
dss_data16
gpio_86
safe_mode
H27
NA
L26
NA
G23
dss_data17
gpio_87
safe_mode
H26
NA
M24
NA
G24
dss_data18
mcspi3_clk
dss_data0
gpio_88
safe_mode
H25
NA
M26
NA
H23
dss_data19
mcspi3_simo dss_data1
gpio_89
safe_mode
E28
NA
F25
NA
D23
dss_data20
mcspi3_somi dss_data2
gpio_90
safe_mode
J26
NA
N24
NA
K22
dss_data21
mcspi3_cs0
dss_data3
gpio_91
safe_mode
AC27
NA
AC25
NA
V21
dss_data22
mcspi3_cs1
dss_data4
gpio_92
safe_mode
AC28
NA
AB25
NA
W21
dss_data23
dss_data5
gpio_93
safe_mode
W28
NA
V26
NA
AA23
tv_out2
Y28
NA
W26
NA
AB24
tv_out1
Y27
NA
W25
NA
AB23
tv_vfb1
W27
NA
U24
NA
Y23
tv_vfb2
W26
NA
V23
NA
Y24
tv_vref
(1)
"FT" indicates Feed-Through. For more information, refer to Section 2.5.10.
88
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com