Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 33 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 29Page - Texas Instruments OMAP3530ECBB Datasheet HTML 30Page - Texas Instruments OMAP3530ECBB Datasheet HTML 31Page - Texas Instruments OMAP3530ECBB Datasheet HTML 32Page - Texas Instruments OMAP3530ECBB Datasheet HTML 33Page - Texas Instruments OMAP3530ECBB Datasheet HTML 34Page - Texas Instruments OMAP3530ECBB Datasheet HTML 35Page - Texas Instruments OMAP3530ECBB Datasheet HTML 36Page - Texas Instruments OMAP3530ECBB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
AA27
NA
dss_data15
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_85
4
IO
safe_mode
7
G25
NA
dss_data16
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_86
4
IO
safe_mode
7
H27
NA
dss_data17
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_87
4
IO
safe_mode
7
H26
NA
dss_data18
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
mcspi3_clk
2
IO
dss_data0
3
IO
gpio_88
4
IO
safe_mode
7
H25
NA
dss_data19
0
IO
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
mcspi3_
2
IO
simo
dss_data1
3
IO
gpio_89
4
IO
safe_mode
7
E28
NA
dss_data20
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
mcspi3_
2
IO
somi
dss_data2
3
IO
gpio_90
4
IO
safe_mode
7
J26
NA
dss_data21
0
O
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
mcspi3_cs0
2
IO
dss_data3
3
IO
gpio_91
4
IO
safe_mode
7
AC27
NA
dss_data22
0
O
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
mcspi3_cs1
2
O
dss_data4
3
IO
gpio_92
4
IO
safe_mode
7
AC28
NA
dss_data23
0
O
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
dss_data5
3
IO
gpio_93
4
IO
safe_mode
7
W28
NA
tv_out2
0
O
Z
0
0
vdda_dac
NA
(2)
NA
10-bit DAC
Y28
NA
tv_out1
0
O
Z
0
0
vdda_dac
NA
(2)
NA
10-bit DAC
Y27
NA
tv_vfb1
0
AO
Z
NA
0
vdda_dac
NA
(2)
NA
10-bit DAC
W27
NA
tv_vfb2
0
AO
Z
NA
0
vdda_dac
NA
(2)
NA
10-bit DAC
W26
NA
tv_vref
0
AO
Z
NA
0
vdda_dac
NA
(2)
NA
10-bit DAC
A24
NA
cam_hs
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_94
4
IO
safe_mode
7
A23
NA
cam_vs
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_95
4
IO
safe_mode
7
C25
NA
cam_ xclka
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_96
4
IO
safe_mode
7
(2)
The drive strength is fixed regardless of the load. The driver is designed to drive 75ohm for video applications.
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
33
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com