Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 56 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 52Page - Texas Instruments OMAP3530ECBB Datasheet HTML 53Page - Texas Instruments OMAP3530ECBB Datasheet HTML 54Page - Texas Instruments OMAP3530ECBB Datasheet HTML 55Page - Texas Instruments OMAP3530ECBB Datasheet HTML 56Page - Texas Instruments OMAP3530ECBB Datasheet HTML 57Page - Texas Instruments OMAP3530ECBB Datasheet HTML 58Page - Texas Instruments OMAP3530ECBB Datasheet HTML 59Page - Texas Instruments OMAP3530ECBB Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
R18
NA
mcbsp2_clkx
0
IO
L
L
7
vdds
Yes
4
(10)
PU100/
LVCMOS
PD100
gpio_117
4
IO
safe_mode
7
-
T18
NA
mcbsp2_dr
0
I
L
L
7
vdds
Yes
4
(10)
PU100/
LVCMOS
PD100
gpio_118
4
IO
safe_mode
7
-
R19
NA
mcbsp2_dx
0
IO
L
L
7
vdds
Yes
4
(10)
PU100/
LVCMOS
PD100
gpio_119
4
IO
safe_mode
7
-
U18
NA
mcbsp2_fsx
0
IO
L
L
7
vdds
Yes
4
(10)
PU100/
LVCMOS
PD100
gpio_116
4
IO
safe_mode
7
-
P9
NA
mcspi1_clk
0
IO
L
L
7
vdds
Yes
4
(10)
PU100/
LVCMOS
PD100
mmc2_dat4
1
IO
gpio_171
4
IO
safe_mode
7
-
R7
NA
mcspi1_cs0
0
IO
H
H
7
vdds
Yes
4
(11)
PU100/
LVCMOS
PD100
mmc2_dat7
1
IO
gpio_174
4
IO
safe_mode
7
-
R9
NA
mcspi1_cs2
0
O
H
H
7
vdds
Yes
4
(11)
PU100/
LVCMOS
PD100
mmc3_clk
3
O
gpio_176
4
IO
safe_mode
7
-
P8
NA
mcspi1_simo
0
IO
L
L
7
vdds
Yes
4
(11)
PU100/
LVCMOS
PD100
mmc2_dat5
1
IO
gpio_172
4
IO
safe_mode
7
-
P7
NA
mcspi1_somi
0
IO
L
L
7
vdds
Yes
4
(11)
PU100/
LVCMOS
PD100
mmc2_dat6
1
IO
gpio_173
4
IO
safe_mode
7
-
W7
NA
mcspi2_clk
0
IO
L
L
7
vdds
Yes
4
(12)
PU100/
LVCMOS
PD100
hsusb2_tll_d
2
IO
ata7
hsusb2_data
3
O
7
gpio_178
4
IO
safe_mode
7
-
V8
NA
mcspi2_cs0
0
IO
H
H
7
vdds
Yes
4
(12)
PU100/
LVCMOS
PD100
gpt11_pwm_
1
IO
evt
hsusb2_tll_d
2
IO
ata6
(10) The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
the above table.
(11) The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
the above table.
(12) The capacity load range is [2 pf to 6 pF].
56
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com