Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 1 Page - Texas Instruments

  OMAP3530ECBB Datasheet HTML 1Page - Texas Instruments OMAP3530ECBB Datasheet HTML 2Page - Texas Instruments OMAP3530ECBB Datasheet HTML 3Page - Texas Instruments OMAP3530ECBB Datasheet HTML 4Page - Texas Instruments OMAP3530ECBB Datasheet HTML 5Page - Texas Instruments OMAP3530ECBB Datasheet HTML 6Page - Texas Instruments OMAP3530ECBB Datasheet HTML 7Page - Texas Instruments OMAP3530ECBB Datasheet HTML 8Page - Texas Instruments OMAP3530ECBB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
OMAP3530 and OMAP3525 Applications Processors
Check for Samples: OMAP3530, OMAP3525
1
OMAP3530 and OMAP3525 Applications Processors
1.1
Features
12
Protected Mode Operation
• OMAP3530 and OMAP3525 Devices:
Exceptions Support for Error Detection
– OMAP™ 3 Architecture
and Program Redirection
– MPU Subsystem
Hardware Support for Modulo Loop
Up to 720-MHz ARM® Cortex™-A8 Core
Operation
NEON™ SIMD Coprocessor
• C64x+ L1 and L2 Memory Architecture
– High-Performance Image, Video, Audio
– 32KB of L1P Program RAM and Cache
(IVA2.2™) Accelerator Subsystem
(Direct Mapped)
Up to 520-MHz TMS320C64x+™ DSP Core
– 80KB of L1D Data RAM and Cache (2-Way
Enhanced Direct Memory Access (EDMA)
Set-Associative)
Controller (128 Independent Channels)
– 64KB of L2 Unified Mapped RAM and Cache
Video Hardware Accelerators
(4-Way Set-Associative)
– PowerVR® SGX™ Graphics Accelerator
– 32KB of L2 Shared SRAM and 16KB of L2
(OMAP3530 Device Only)
ROM
Tile-Based Architecture Delivering up to
• C64x+ Instruction Set Features
10 MPoly/sec
– Byte-Addressable (8-, 16-, 32-, and 64-Bit
Universal Scalable Shader Engine: Multi-
Data)
threaded Engine Incorporating Pixel and
– 8-Bit Overflow Protection
Vertex Shader Functionality
– Bit Field Extract, Set, Clear
Industry Standard API Support:
– Normalization, Saturation, Bit-Counting
OpenGLES 1.1 and 2.0, OpenVG1.0
– Compact 16-Bit Instructions
Fine-Grained Task Switching, Load
Balancing, and Power Management
– Additional Instructions to Support Complex
Multiplies
Programmable High-Quality Image Anti-
Aliasing
• ARM Cortex-A8 Core
– Fully Software-Compatible with C64x and
– ARMv7 Architecture
ARM9™
TrustZone®
– Commercial and Extended Temperature
Thumb®-2
Grades
MMU Enhancements
• Advanced Very-Long-Instruction-Word (VLIW)
– In-Order, Dual-Issue, Superscalar
TMS320C64x+ DSP Core
Microprocessor Core
– Eight Highly Independent Functional Units
– NEON Multimedia Architecture
Six ALUs (32- and 40-Bit), Each Supports
– Over 2x Performance of ARMv6 SIMD
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
– Supports Both Integer and Floating-Point
Arithmetic per Clock Cycle
SIMD
Two Multipliers Support Four 16 x 16-Bit
– Jazelle® RCT Execution Environment
Multiplies (32-Bit Results) per Clock
Architecture
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
– Dynamic Branch Prediction with Branch
Results) per Clock Cycle
Target Address Cache, Global History
– Load-Store Architecture with Nonaligned
Buffer, and 8-Entry Return Stack
Support
– Embedded Trace Macrocell (ETM) Support
– 64 32-Bit General-Purpose Registers
for Noninvasive Debug
– Instruction Packing Reduces Code Size
• ARM Cortex-A8 Memory Architecture:
– All Instructions Conditional
– 16-KB Instruction Cache (4-Way Set-
– Additional C64x+ Enhancements
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2008–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - OMAP3530ECBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530ECBB TI1-OMAP3530ECBB Datasheet
3Mb / 264P
OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAP3530ECBB TI1-OMAP3530ECBB Datasheet
2Mb / 265P
Applications Processors
OMAP3530ECBB72 TI1-OMAP3530ECBB72 Datasheet
3Mb / 264P
OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAP3530ECBB72 TI1-OMAP3530ECBB72 Datasheet
2Mb / 265P
Applications Processors
OMAP3530ECBBA TI1-OMAP3530ECBBA Datasheet
3Mb / 264P
OMAP3530/25 Applications Processor: OMAP 3 Architecture
More results

Similar Description - OMAP3530ECBB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
logo
Freescale Semiconductor...
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
Automotive and Infotainment Applications Processors
logo
Texas Instruments
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
OMAP3530/25 Applications Processor: OMAP 3 Architecture
OMAP3503DCBBA TI-OMAP3503DCBBA Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3515DCUS TI1-OMAP3515DCUS Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
OMAP3515 TI1-OMAP3515_15 Datasheet
2Mb / 264P
OMAP3515 and OMAP3503 Applications Processors
OMAP3525-HIREL TI1-OMAP3525-HIREL_16 Datasheet
2Mb / 262P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
OMAP3515 TI1-OMAP3515_17 Datasheet
2Mb / 263P
Applications Processors
OMAP3530 TI1-OMAP3530_17 Datasheet
2Mb / 265P
Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com