Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 60 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 56Page - Texas Instruments OMAP3530ECBB Datasheet HTML 57Page - Texas Instruments OMAP3530ECBB Datasheet HTML 58Page - Texas Instruments OMAP3530ECBB Datasheet HTML 59Page - Texas Instruments OMAP3530ECBB Datasheet HTML 60Page - Texas Instruments OMAP3530ECBB Datasheet HTML 61Page - Texas Instruments OMAP3530ECBB Datasheet HTML 62Page - Texas Instruments OMAP3530ECBB Datasheet HTML 63Page - Texas Instruments OMAP3530ECBB Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
gpio_0
4
IO
safe_mode
7
-
V13
NA
sys_nrespwr
0
I
Z
I
NA
vdds
Yes
NA
NA
LVCMOS
on
AD7
AA5
sys_nreswar
0
IOD
0
1 (PU)
0
vdds
Yes
4
PU100/
LVCMOS
m
PD100
gpio_30
4
IO
Open Drain
safe_mode
7
-
V12
NA
sys_off_mod
0
O
0
L
7
vdds
Yes
4
PU100/
LVCMOS
e
PD100
gpio_9
4
IO
safe_mode
7
-
AF19
NA
sys_xtalin
0
I
Z
I
NA
vdds
Yes
NA
NA
LVCMOS
AF20
NA
sys_xtalout
0
O
Z
O
NA
vdds
Yes
NA
NA
LVCMOS
W26
NA
tv_out1
0
AO
Z
0
0
vdda_dac
No
8
NA
10-bit DAC
V26
NA
tv_out2
0
AO
Z
0
0
vdda_dac
No
8
NA
10-bit DAC
W25
NA
tv_vfb1
0
O
Z
NA
0
vdda_dac
No
2
NA
10-bit DAC
U24
NA
tv_vfb2
0
O
Z
NA
0
vdda_dac
No
2
NA
10-bit DAC
V23
NA
tv_vref
0
I
Z
NA
0
vdda_dac
No
NA
NA
10-bit DAC
AE20
NA
sys_32k
0
I
Z
I
NA
vdds
Yes
NA
NA
LVCMOS
A24
NA
cam_d2
0
I
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_101
4
IO
hw_dbg4
5
O
safe_mode
7
-
B24
NA
cam_d3
0
I
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_102
4
IO
hw_dbg5
5
O
safe_mode
7
-
D24
NA
cam_d4
0
I
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_103
4
IO
hw_dbg6
5
O
safe_mode
7
-
C24
NA
cam_d5
0
I
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_104
4
IO
hw_dbg7
5
O
safe_mode
7
-
D25
NA
cam_d10
0
I
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_109
4
IO
hw_dbg8
5
O
safe_mode
7
-
E26
NA
cam_d11
0
I
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_110
4
IO
hw_dbg9
5
O
safe_mode
7
-
B23
NA
cam_fld
0
IO
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
cam_global_r
2
IO
eset
gpio_98
4
IO
hw_dbg3
5
O
safe_mode
7
-
(15) The capacity load range is [2 pf to 6 pF].
60
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com