Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 61 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 57Page - Texas Instruments OMAP3530ECBB Datasheet HTML 58Page - Texas Instruments OMAP3530ECBB Datasheet HTML 59Page - Texas Instruments OMAP3530ECBB Datasheet HTML 60Page - Texas Instruments OMAP3530ECBB Datasheet HTML 61Page - Texas Instruments OMAP3530ECBB Datasheet HTML 62Page - Texas Instruments OMAP3530ECBB Datasheet HTML 63Page - Texas Instruments OMAP3530ECBB Datasheet HTML 64Page - Texas Instruments OMAP3530ECBB Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
C23
NA
cam_hs
0
IO
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_94
4
IO
hw_dbg0
5
O
safe_mode
7
-
C26
NA
cam_pclk
0
I
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_97
4
IO
hw_dbg2
5
O
safe_mode
7
-
D26
NA
cam_strobe
0
O
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_126
4
IO
hw_dbg11
5
O
safe_mode
7
-
C25
NA
cam_xclka
0
O
L
L
7
vdds
Yes
4
(15)
PU100/
LVCMOS
PD100
gpio_96
4
IO
safe_mode
7
-
E25
NA
cam_xclkb
0
O
L
L
7
vdds
Yes
4
(16)
PU100/
LVCMOS
PD100
gpio_111
4
IO
safe_mode
7
-
P25
NA
cam_d6
0
I
L
L
7
vdds
NA
4
PU100/
SubLVDS
PD100
gpio_105
4
IO
safe_mode
7
-
P26
NA
cam_d7
0
I
L
L
7
vdds
NA
4
PU100/
SubLVDS
PD100
gpio_106
4
IO
safe_mode
7
-
N25
NA
cam_d8
0
I
L
L
7
vdds
NA
4
PU100/
SubLVDS
PD100
gpio_107
4
IO
safe_mode
7
-
N26
NA
cam_d9
0
I
L
L
7
vdds
NA
4
PU100/
SubLVDS
PD100
gpio_108
4
IO
safe_mode
7
-
D23
NA
cam_vs
0
IO
L
L
7
vdds
Yes
4
(16)
PU100/
LVCMOS
PD100
gpio_95
4
IO
hw_dbg1
5
O
safe_mode
7
-
A23
NA
cam_wen
0
I
L
L
7
vdds
Yes
4
(16)
PU100/
LVCMOS
PD100
cam_shutter
2
O
gpio_167
4
IO
hw_dbg10
5
O
safe_mode
7
-
F26
NA
dss_acbias
0
O
L
L
7
vdds
Yes
8
PU100/
LVCMOS
PD100
gpio_69
4
IO
safe_mode
7
-
G26
NA
dss_data6
0
IO
L
L
7
vdds
Yes
8
PU100/
LVCMOS
PD100
uart1_tx
2
O
gpio_76
4
IO
hw_dbg14
5
O
(16) The capacity load range is [2 pf to 6 pF].
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
61
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com