Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 40 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 36Page - Texas Instruments OMAP3530ECBB Datasheet HTML 37Page - Texas Instruments OMAP3530ECBB Datasheet HTML 38Page - Texas Instruments OMAP3530ECBB Datasheet HTML 39Page - Texas Instruments OMAP3530ECBB Datasheet HTML 40Page - Texas Instruments OMAP3530ECBB Datasheet HTML 41Page - Texas Instruments OMAP3530ECBB Datasheet HTML 42Page - Texas Instruments OMAP3530ECBB Datasheet HTML 43Page - Texas Instruments OMAP3530ECBB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
safe_mode
7
U25
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data4
gpio_188
4
IO
safe_mode
7
V28
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data5
gpio_189
4
IO
safe_mode
7
V27
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data6
gpio_190
4
IO
safe_mode
7
V26
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data7
gpio_191
4
IO
safe_mode
7
K21
NA
i2c1_scl
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
J21
NA
i2c1_sda
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
AF15
NA
i2c2_scl
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_168
4
IO
safe_mode
7
AE15
NA
i2c2_sda
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_183
4
IO
safe_mode
7
AF14
NA
i2c3_scl
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_184
4
IO
safe_mode
7
AG14
NA
i2c3_sda
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
Open Drain
gpio_185
4
IO
safe_mode
7
AD26
NA
i2c4_scl
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
sys_
1
O
nvmode1
safe_mode
7
AE26
NA
i2c4_sda
0
IOD
H
H
0
vdds
Yes
4
PU/ PD
Open Drain
sys_
1
O
nvmode2
safe_mode
7
J25
NA
hdq_sio
0
IOD
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
sys_altclk
1
I
i2c2_sccbe
2
O
i2c3_sccbe
3
O
gpio_170
4
IO
safe_mode
7
AB3
NA
mcspi1_clk
0
IO
L
L
7
vdds
Yes
4
(6)
PU/ PD
LVCMOS
mmc2_dat4
1
IO
gpio_171
4
IO
safe_mode
7
AB4
NA
mcspi1_
0
IO
L
L
7
vdds
Yes
4
(6)
PU/ PD
LVCMOS
simo
mmc2_dat5
1
IO
gpio_172
4
IO
safe_mode
7
AA4
NA
mcspi1_
0
IO
L
L
7
vdds
Yes
4
(6)
PU/ PD
LVCMOS
somi
(6)
The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
the above table.
40
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com