Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 114 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 114 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 110Page - Texas Instruments OMAP3530ECBB Datasheet HTML 111Page - Texas Instruments OMAP3530ECBB Datasheet HTML 112Page - Texas Instruments OMAP3530ECBB Datasheet HTML 113Page - Texas Instruments OMAP3530ECBB Datasheet HTML 114Page - Texas Instruments OMAP3530ECBB Datasheet HTML 115Page - Texas Instruments OMAP3530ECBB Datasheet HTML 116Page - Texas Instruments OMAP3530ECBB Datasheet HTML 117Page - Texas Instruments OMAP3530ECBB Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
2.5.8
Power Supplies
Table 2-25. Power Supplies Signals Description(1)
SIGNAL NAME
DESCRIPTION
BALL BOTTOM
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
(CBB Pkg.)
(CBB Pkg.)
(CBC Pkg.)
(CBC Pkg.)
(CUS Pkg.)
vdd_mpu _iva
ARM /IVA power
Y9 / W9 / T9 / R9 /
NA
H7/ N7/ U7/ V7/ N8/
NA
W13/ W12/ V13/
domain
M9 / L9 / J9 / Y10 /
G9/ L9/ M9/ W9/ Y9/
V12/ U13/ U12/ T8/
U10 / T10 / R10 /
M10/ P10/ K11/ U11/
T7/ R8/ R7/ R6/ N8/
N10 / M10 / L10 /
V11/ Y11/ G12/ D13/
N7/ N6/ M12/ M8/
J10 / Y11 / W11 /
U13
M7/ M6/ L12/ L11/
K11 / J11 / W12 /
J10/ J9/ H10/ H9/
K13 / Y14 / K14 /
G10/ G9/F10
J14 / Y15 / W15 /
J15
vdd_core
Core power domain
AC4 / J4 / H4 / D8 /
NA
M7/ T7/ Y8/ G11/ Y12/
NA
T20/ T19/ T18/ T17/
AE9 / D9 / D15 /
D15/ M17/ G18/ H20/
R19/ R18/ R17/
Y16 / AE18 / Y18 /
R20/ AC21
M15/ M14/ L15/
W18 / K18 / J18 /
L14/ K19/ K18/ K17/
AE19 / Y19 / U19 /
J18/ J17/ H13/ H12/
T19 / N19 / M19 /
G13/ G12/ F13/ F12
J19 / Y20 / W20 /
V20 / U20 / P20 /
N20 / K20 / J20 /
D22 / D23 / AE24 /
M25 / L25 / E25
cap_vdd_wkup
Wakeup/EMU/memor
AA15
NA
K14
NA
Y12
y domains, connect
capacitor
cap_vdd_d
Decoupling capacitor
AH20
NA
AE19
NA
NA
vdds_dpll_dll
DLL IO power
K15
NA
K13
NA
G18
domain (1.8 V):
internal connection to
PLL_VDDS, power
supply for 3PLL (1.8
V)
vdda_dac
Video DAC power
V25
NA
V25
NA
AB13
plane
vssa_dac
Video DAC ground
Y26
NA
V24
NA
AB15
plane
vdds
IO power plane
AD3 / AD4 / W4 /
NA
G4/ M4/ T4/ Y4/ L7/
NA
Y9 / W10 / W9 /
AF8 / AE8 / AF16 /
AC7/ D9/ AE10/ C11/
V10 / V9 / U10 /
AE16 / AF23 /
J15/ AC15/ A18/ J18/
N19 / N18 / N17 /
AE23 / F25 / F26 /
AC18/ AD20/ E24/
M19 / M18 / M17
AG27/ AE27/ AG20/
L24/ T24/ W24/ AC24
H28/ AG21
vdds_mem
Memory IO power
U1 / J1 / F1 / J2 /
AC5 / P1 / H1 / F23
K8 / K7 / K6 / J8 /
plane
F2 / R4 / B5 / A5 /
/ E1 / C23 / A4 / A7
J7 / J6 / H15 / G16
AH6 / B8 / A8 / B12
/ A10 / A15 / A18
/ G15 / F16 / F15 /
/ A12 / D16 / C16 /
E16
B18 / A18 / B22 /
A22 / G28 / C28
vdds_dpll_per
Peripheral DPLLs
AA16
NA
U14
NA
U17
power rail
vdds_wkup_bg
For wakeup LDO and
AA14
NA
W14
NA
AA13
VDDA (2 LDOs
SRAM and BG)
(1)
NA in this table stands for "Not applicable".
114
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com