Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 120 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 116Page - Texas Instruments OMAP3530ECBB Datasheet HTML 117Page - Texas Instruments OMAP3530ECBB Datasheet HTML 118Page - Texas Instruments OMAP3530ECBB Datasheet HTML 119Page - Texas Instruments OMAP3530ECBB Datasheet HTML 120Page - Texas Instruments OMAP3530ECBB Datasheet HTML 121Page - Texas Instruments OMAP3530ECBB Datasheet HTML 122Page - Texas Instruments OMAP3530ECBB Datasheet HTML 123Page - Texas Instruments OMAP3530ECBB Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 265 page
background image
MPU
IVA2
vdd_mpu_iva1domain
Core
Periph1
vdd_coredomain
DPLL_MPU
LDO
in1.8V
out1.2V
DualVideoDAC
SRAM2
ARRAY
SRAM2LDO
0V/1.0V/1.2V
SRAM1
ARRAY
SRAM1LDO
0V/1.0V/1.2V
MMC1
vpp
DPLL_CORE
LDO
in1.8V
out1.2V
DPLL4
LDO
in1.8V
out1.2V
DPLL_IVA
LDO
in1.8V
out1.2V
LDO3
1.0V/1.2V
vdds
Periph2
DPLL5
LDO
in1.8V
out1.2V
WKUP
EMU
BandGap
BCK
MEM
vss
DLL/DCDL
HSDIVIDER
LDO
eFUSE
HSDIVIDER
LDO
cap_vdd_sram_mpu_iva
cap_vdd_sram_core
tv_ref
(forcapacitor)
vssa_dac
vdd_mpu_iva
vdds_dpll_dll
vdds_wkup_bg
cap_vdd_wkup
vdds_mem
vdds_sram
OMAP Device
vdd_core
vdds_mmc1
vdds_dpll_per
vdda_dac
030-003
vdds_mmc1a
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 3-1. OMAP3530/25 Power Domains
This power domain segmentation switches off (or places in retention state) domains that are unused while
keeping others active. This implementation is based on internal switches that independently control each
power domain.
A power domain regular logic is attached to one of the device VDD supplies through a primary domain
switch. When the primary switch is open, most of the logic supply is off, resulting in a low-leakage state of
the domain. Embedded switches are implemented for all power domains except the wake-up domain. This
allows the domain to be powered off, if not being used, to give maximum power savings. For more
information, see the PRCM chapter of the OMAP35x Technical Reference Manual (TRM) [literature
number SPRUFA5].
All domain output signals at the interface between power domains are connected through isolation latch
cells. These cells ensure a proper electrical isolation between the domains and an appropriate interface
state at the domain boundaries.
120
ELECTRICAL CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com