Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 4Page - Vicor Corporation PI3749 Datasheet HTML 5Page - Vicor Corporation PI3749 Datasheet HTML 6Page - Vicor Corporation PI3749 Datasheet HTML 7Page - Vicor Corporation PI3749 Datasheet HTML 8Page - Vicor Corporation PI3749 Datasheet HTML 9Page - Vicor Corporation PI3749 Datasheet HTML 10Page - Vicor Corporation PI3749 Datasheet HTML 11Page - Vicor Corporation PI3749 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 8 of 26
09/2016
800 927.9474
PI3749-x0
Electrical Characteristics (Cont.)
Specifications apply for the conditions -40°C < TJ < 115°C, VIN = 16V - 34V, VOUT = 24V, LEXT = 480nH[4], external CIN = COUT = 20µF,
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
General Purpose Amplifier
Open Loop Gain
[5]
96
120
140
dB
Small Signal Gain-Bandwidth
[5]
5
7
12
MHz
Offset
-1
0.2
1
mV
Common Mode Input Range
-0.1
2.5
V
Differential Mode Input Range
2
V
Maximum Output Voltage
IDIFF = -1mA
VDR - 0.2 V
V
Minimum Output Voltage
No Load
20
mV
Capacitive Load for Stable Oper-
ation
[5]
0
100
pF
Slew Rate
10
V/µs
Output Current
-1
1
mA
Transconductance Error Amplifier
Reference
VREF
EAIN = EAO
1.667
1.7
1.734
V
Input Range
VEAIN
Note VEAIN_OV below
0
VDR
V
Maximum Output Voltage
3.45
4.0
V
Minimum Output Voltage
0
0.1
V
Transconductance
Factory Set
7.6
mS
Zero Resistor
Factory Set
7.0
kΩ
EAO Output Current Sourcing
VEAO = 50mV, VEAIN = 0V
400
µA
EAO Output Current Sinking
VEAO = 2V, VEAIN = 5V
400
µA
Open Loop Gain
ROUT > 1MΩ [5]
70
80
dB
Control and Protection
Switching Frequency
FSW
VIN = VOUT = 24V IOUT = 2A
800
kHz
Switching Frequency
FSW
VIN = 16V, VOUT = 12V IOUT = 7A
480
kHz
VEAO Pulse Skip Threshold
VEAO_PST
VEAO to SGND
0.6
V
Control Node Range
VRAMP
0
3.3
V
VEAO Overload Threshold
VEAO_OL
VEAO to SGND
3.2
3.4
V
Overload Timeout
TOL
VEAO > VEAO_OL
1
msec
Vout Slow Current Limit
VOUT_SCL
10µs time constant
18
A
VEAIN Output Over Voltage Thresh-
old
VEAIN_OV
VEAIN > VEAIN_OV
2.04
V
Overtemperature Fault Threshold
TOTP
[5]
125
129
°C
Overtemperature Restart Hysteresis
TOPT_HYS
[5]
30
°C
Vout Negative Fault Threshold
-0.35
-0.25
-0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com