Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 3 Page - Vicor Corporation

  PI3749 Datasheet HTML 1Page - Vicor Corporation PI3749 Datasheet HTML 2Page - Vicor Corporation PI3749 Datasheet HTML 3Page - Vicor Corporation PI3749 Datasheet HTML 4Page - Vicor Corporation PI3749 Datasheet HTML 5Page - Vicor Corporation PI3749 Datasheet HTML 6Page - Vicor Corporation PI3749 Datasheet HTML 7Page - Vicor Corporation PI3749 Datasheet HTML 8Page - Vicor Corporation PI3749 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 3 of 26
09/2016
800 927.9474
PI3749-x0
Order Information
Absolute Maximum Ratings
Note: Stresses beyond these limits may cause permanent damage to the device. Operation at these conditions or conditions beyond those listed in the
Electrical Specifications table is not guaranteed. All voltage nodes are referenced to PGND unless otherwise noted.
[1] Non-Operating Test Mode Limits.
[2] The ISP pin to ISN pin has a maximum differential limit of +5.5VDC and -0.5VDC.
Part Number
Description
Package
Transport Media
MFG
PI3749-00-LGIZ
16VIN to 34VIN SiP
10mm x 14mm 108-pin LGA
TRAY
Picor
PI3749-20-LGIZ
16VIN to 34VIN SiP
I2C compatible
10mm x 14mm 108-pin LGA
TRAY
Picor
Location
Name
VMAX
VMIN
ISOURCE
ISINK
1-2,G-K
VIN
36V
-0.3V
40A[1]
40A[1]
4-5,G-K
VS1
36V
-0.7 VDC
40A[1]
18A[1]
10-11,G-K
VS2
36V
-0.7 VDC
40A[1]
18A[1]
13-14,G-K
VOUT
36V
-0.7 VDC
40A[1]
40A[1]
1E
VDR
5.5V
-0.3V
30mA
200mA
1D
PGD
5.5V
-0.3V
20mA
20mA
1C
SYNCO
5.5V
-0.3V
5mA
5mA
1B
SYNCI
5.5V
-0.3V
5mA
5mA
1A
ADR1
5.5V
-0.3V
5mA
5mA
2A
ADR0
5.5V
-0.3V
5mA
5mA
3A
SCL
5.5V
-0.3V
5mA
5mA
4A
SDA
5.5V
-0.3V
10mA
10mA
5A
EN
5.5V
-0.3V
5mA
5mA
6A
TRK
5.5V
-0.3V
50mA
50mA
7A
TEST5
5.5V
-0.3V
5mA
5mA
8A
COMP
5.5V
-0.3V
5mA
5mA
9A
VSN
5.5V
-1.5V
5mA
5mA
10A
VSP
5.5V
-1.5V
5mA
5mA
11A
VDIFF
5.5V
-0.5V
5mA
5mA
12A
EAIN
5.5V
-0.3V
5mA
5mA
13A
EAO
5.5V
-0.3V
5mA
5mA
14A
IMON
5.5V
-0.3V
5mA
5mA
14D
ISN[2]
40V
-2 VDC
5mA
5mA
14E
ISP[2]
40V
-2 VDC
5mA
5mA
10-14,B + 10-12,C-E
SGND
0.3V
-0.3V
200mA
200mA
2-9,B-E + 7-8,F-K
PGND
N/A
N/A
18A[1]
18A[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com