Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 5 Page - Vicor Corporation

  PI3749 Datasheet HTML 1Page - Vicor Corporation PI3749 Datasheet HTML 2Page - Vicor Corporation PI3749 Datasheet HTML 3Page - Vicor Corporation PI3749 Datasheet HTML 4Page - Vicor Corporation PI3749 Datasheet HTML 5Page - Vicor Corporation PI3749 Datasheet HTML 6Page - Vicor Corporation PI3749 Datasheet HTML 7Page - Vicor Corporation PI3749 Datasheet HTML 8Page - Vicor Corporation PI3749 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 5 of 26
09/2016
800 927.9474
PI3749-x0
Large Pin Blocks
Pin Block Name
Group of pins
VIN
K1-2, J1-2, H1-2, G1-2
VS1
K4-5, J4-5, H4-5, G4-5
PGND
K7-8, J7-8, H7-8, G7-8, F7-8, E2-9, D2-9, C2-9, B2-9
VS2
K10-11, J10-11, H10-11, G10-11
VOUT
K13-14, J13-14, H13-14, G13-14
SGND
E10-12, D10-12, C10-12, B10-14
PACKAGE TOP VIEW
Exposed Copper
Solder Mask Over Copper
Solder Mask Over Board
A
B
C
D
E
F
G
H
J
K
12
34
56
78
91011121314
VINVS1
PGND
VS2VOUT
VDR
PGD
SYNCO
SYNCI
ISP
ISN
SGND
Package Pin-Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com