Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 1 Page - Vicor Corporation

  PI3749 Datasheet HTML 1Page - Vicor Corporation PI3749 Datasheet HTML 2Page - Vicor Corporation PI3749 Datasheet HTML 3Page - Vicor Corporation PI3749 Datasheet HTML 4Page - Vicor Corporation PI3749 Datasheet HTML 5Page - Vicor Corporation PI3749 Datasheet HTML 6Page - Vicor Corporation PI3749 Datasheet HTML 7Page - Vicor Corporation PI3749 Datasheet HTML 8Page - Vicor Corporation PI3749 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 1 of 26
09/2016
800 927.9474
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
Cool-Power®
ZVS Switching Regulators
PI3749-x0
Features & Benefits
• Up to 98.5% efficiency at 800kHz FSW
• Up to 240W of continuous output power
(for specific conditions)
• Fast transient response
• Parallel capable with single wire current sharing
• External frequency synchronization / interleaving
• High Side Current Sense Amplifier
• General Purpose Amplifier
• Input Over/Undervoltage Lockout (OVLO/UVLO)
• Output Overvoltage Protection (OVP)
• Overtemperature Protection (OTP)
• Fast and slow current limits
• -40°C to 115°C operating range (TJ)
• Excellent light load efficiency
• Optional I2C functionality & programmability:
n
VOUT margining
n
Fault reporting
n
Enable and SYNCI pin polarity
Applications
• Computing, Communications, Industrial
• Variable output step up/down voltage regulation
Product Description
The PI3749-x0 is high efficiency, wide range DC-DC ZVS Buck-
Boost regulator. This high density System-in-Package (SiP)
integrates controller, power switches, and support components.
The integration of a high performance Zero-Voltage Switching
(ZVS) topology, within the PI3749-x0, increases point of load
performance providing best in class power efficiency. The
PI3749-x0 requires an external inductor, resistive feedback divider
and minimal capacitors to form a complete DC-DC switching
mode buck-boost regulator.
The ZVS architecture also enables high frequency operation while
minimizing switching losses and maximizing efficiency. The high
switching frequency operation reduces the size of the external
filtering components, improves power density, and enables very
fast dynamic response to line and load transients.
Package Information
• 10mm x 14mm x 2.56mm LGA SiP
SGND
Vin
Vin
VOUT
Vout
PGND
COMP
ISP
ISN
IMON
EAO
Cin
Cout
PGND
L1
VS1
VS2
VSN
VSP
VDIFF
EAIN
SYNCI
VDR
EN
SYNCO
TRK
PGD
PI3749-00
R1
R2
Typical Application
V
IN (V)
Efficiency
Power Dissipation
15
20
25
30
35
1
1.5
2
2.5
3
3.5
4
4.5
5
91
92
93
94
95
96
97
98
99


Similar Part No. - PI3749

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-00-EVAL1 VICOR-PI3749-00-EVAL1 Datasheet
818Kb / 26P
Cool-Power짰 ZVS Switching Regulators
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
867Kb / 26P
16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-20-LGIZ VICOR-PI3749-20-LGIZ Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PI3749-X0 VICOR-PI3749-X0 Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results

Similar Description - PI3749

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3749-00-LGIZ VICOR-PI3749-00-LGIZ Datasheet
867Kb / 26P
16V to 34VIN, 12V to 28VOUT, 120W Cool-Power ZVS Buck-Boost
PI3751-00-LGIZ VICOR-PI3751-00-LGIZ Datasheet
117Kb / 3P
38 V to 60 Vin, 200 W Cool-Power ZVS Buck-Boost
PI3755-01-LGIZ VICOR-PI3755-01-LGIZ Datasheet
111Kb / 3P
38 V to 60 Vin, 160 W Cool-Power ZVS Buck-Boost
PI3741-0X VICOR-PI3741-0X Datasheet
979Kb / 38P
21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI352X-00 VICOR-PI352X-00 Datasheet
1Mb / 34P
30VIN to 60VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
8V to 36VIN Cool-Power ZVS Buck Regulator
PI3755-01 VICOR-PI3755-01 Datasheet
116Kb / 3P
38V to 60VIN, 160W Cool-Power ZVS Buck-Boost Regulator
PI3756-00 VICOR-PI3756-00 Datasheet
119Kb / 3P
38V to 60VIN, 28V to 60VOUT, 200W Cool-Power ZVS Buck-Boost
PI3741-0X VICOR-PI3741-0X_18 Datasheet
968Kb / 39P
21V to 60VIN, 150W, Cool-Power ZVS Buck-Boost Regulator
PI3749-X0 VICOR-PI3749-X0_18 Datasheet
827Kb / 27P
16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com