Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 4 Page - Vicor Corporation

  PI3749 Datasheet HTML 1Page - Vicor Corporation PI3749 Datasheet HTML 2Page - Vicor Corporation PI3749 Datasheet HTML 3Page - Vicor Corporation PI3749 Datasheet HTML 4Page - Vicor Corporation PI3749 Datasheet HTML 5Page - Vicor Corporation PI3749 Datasheet HTML 6Page - Vicor Corporation PI3749 Datasheet HTML 7Page - Vicor Corporation PI3749 Datasheet HTML 8Page - Vicor Corporation PI3749 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 4 of 26
09/2016
800 927.9474
PI3749-x0
Pin Description
Pin Number
Pin Name
Description
1-2,G-K
VIN
Input voltage and sense node for UVLO, OVLO and feed forward compensation.
4-5,G-K
VS1
Input side switching node and ZVS sense node for power switches.
10-11,G-K
VS2
Output side switching node and ZVS sense node for power switches.
13-14,G-K
VOUT
Output voltage and sense node for power switches, VOUT feed forward compensation, VOUT_OV
and internal signals.
1E
VDR
Internal 5.1V supply for gate drivers and internal logic; not for external use.
1D
PGD
Fault & Power Good indicator. PGD pulls low when the regulator is not operating or if EAIN is less
than 1.4V.
1C
SYNCO
Synchronization output. Outputs a high signal for ½ of the programmed switching period at the beginning
of each switching cycle, for synchronization of other regulators.
1B
SYNCI
Synchronization input. When a falling edge synchronization pulse is detected, the PI3749-x0 will delay
the start of the next switching cycle until the next falling edge sync pulse arrives, up to a maximum
delay of two times the programmed switching period. If the next pulse does not arrive within two
times the programmed switching period, the controller will leave sync mode and start a switching cycle
automatically. Connect to SGND when not in use.
1A
ADR1
I2C Addressing Pin, for use with PI3749-20 only. No connect for the PI3749-00.
2A
ADR0
I2C Addressing Pin, for use with PI3749-20 only. No connect for the PI3749-00.
3A
SCL
I2C Clock, for use with the PI3749-20 only. Connect to SGND for PI3749-00.
4A
SDA
I2C Clock, for use with the PI3749-20 only. Connect to SGND for PI3749-00.
5A
EN
Regulator Enable control. Asserted high or left floating = regulator enabled;
Asserted low, regulator output disabled.
6A
TRK
Soft-start and track input. An external capacitor may be connected between TRK pin and SGND to
decrease the rate of output rise during soft-start.
7A
TEST5
For factory use only. Connect to SGND in application.
8A
COMP
Error amp compensation dominant pole. Connect a capacitor between COMP and SGND to set the control
loop dominant pole.
9A
VSN
General purpose amplifier inverting input
10A
VSP
General purpose amplifier non-inverting input
11A
VDIFF
General Purpose amplifier output. When unused connect VDIFF to VSN and VSP to SGND.
12A
EAIN
Error amplifier inverting input and sense for PGD. Connect by resistive divider to the output.
13A
EAO
Transconductance error amplifier output, PWM input and external connection for load sharing.
Connect a capacitor between EAO and SGND to set the control loop high frequency pole.
14A
IMON
High side current sense amplifier output
14D
ISN
High side current sense amplifier negative input
14E
ISP
High side current sense amplifier positive input
10-14,B + 10-12,C-E
SGND
Signal ground. Internal logic and analog ground for the regulator. SGND and PGND are star connected
within the regulator package.
2-9,B-E + 7-8,F-K
PGND
Power ground. VIN, VOUT, VS1 and VS2 power returns. SGND and PGND are star connected within the
regulator package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com