Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 19 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 19 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 15Page - Vicor Corporation PI3749 Datasheet HTML 16Page - Vicor Corporation PI3749 Datasheet HTML 17Page - Vicor Corporation PI3749 Datasheet HTML 18Page - Vicor Corporation PI3749 Datasheet HTML 19Page - Vicor Corporation PI3749 Datasheet HTML 20Page - Vicor Corporation PI3749 Datasheet HTML 21Page - Vicor Corporation PI3749 Datasheet HTML 22Page - Vicor Corporation PI3749 Datasheet HTML 23Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 19 of 26
09/2016
800 927.9474
PI3749-x0
VOUT
(V)
VIN
(V)
ILOAD
(A)
CINPUT
(see table 2)
COUTPUT
(see table 2)
CINPUT
Ripple Current
(IRMS)
COUTPUT
Ripple Current
(IRMS)
Output
Ripple
(mVpp)
Input
Ripple
(mVpp)
12
16
5
6 X 10µF
8 X 10µF
3.55
3.65
37.1
67.5
7
4.59
4.89
60.6
113
12
20
6
6 X 10µF
8 X 10µF
4.45
4.43
44
84.3
9
6.08
6.32
80.5
162
12
24
6
6 X 10µF
8 X 10µF
4.68
4.36
40.2
81
10
6.93
6.84
88
184
12
28
6
6 X 10µF
8 X 10µF
5.06
4.34
43.4
90.1
11
7.66
7.21
95
217
12
34
7
6 X 10µF
8 X 10µF
5.78
4.64
50
125
11
7.8
6.76
87
240
24
16
5
6 X 10µF
8 X 10µF
5.13
4.49
75.4
63.5
7
7.08
6.07
138
114
24
20
5
6 X 10µF
8 X 10µF
4.28
3.91
61.6
56
7
5.3
4.6
85
75
24
24
5
6 X 10µF
8 X 10µF
4.24
4.13
64
82
7
4.7
4.5
68
88
24
28
5
6 X 10µF
8 X 10µF
4.55
4.4
68
105
7
5.1
5.1
74
121
24
34
5
6 X 10µF
8 X 10µF
5.1
4.66
72.5
142
7
5.93
5.67
83
176
28
16
6
6 X 10µF
8 X 10µF
7.18
6.5
143.5
108
9
10.62
9.37
301
223
28
20
5
6 X 10µF
8 X 10µF
5.09
4.65
84
70
7
6.49
5.51
122
95
28
24
5
6 X 10µF
8 X 10µF
4.68
4.46
82
83
6
5.06
4.68
87
83.5
28
28
5
6 X 10µF
8 X 10µF
4.66
4.54
83
107.5
7
5.31
5.16
93
119
28
34
4
6 X 10µF
8 X 10µF
4.5
4.18
77.4
130.6
6
5.49
5.26
95
168
34
24
5
6 X 10µF
8 X 10µF
5.6
5.39
124
95
7
6.66
5.76
148
100
34
29
4
6 X 10µF
8 X 10µF
4.5
4.5
107
107
6
5.6
5.33
133
122
34
34
3
6 X 10µF
8 X 10µF
3.87
3.7
90.4
118
5
5.12
4.95
124
160
Table 1 — Recommended input and output capacitance
Part Number
Description
MFG Description
C3225X7S1H106M250AB
10µF Capacitor, X7S 20% 50V, 1210
TDK
Table 2 — Capacitor manufacturer part numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com