Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 10Page - Vicor Corporation PI3749 Datasheet HTML 11Page - Vicor Corporation PI3749 Datasheet HTML 12Page - Vicor Corporation PI3749 Datasheet HTML 13Page - Vicor Corporation PI3749 Datasheet HTML 14Page - Vicor Corporation PI3749 Datasheet HTML 15Page - Vicor Corporation PI3749 Datasheet HTML 16Page - Vicor Corporation PI3749 Datasheet HTML 17Page - Vicor Corporation PI3749 Datasheet HTML 18Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 14 of 26
09/2016
800 927.9474
PI3749-x0
Figure 23 — PI3749-x0 calculated MTBF Telcordia SR-332 GB
MTBF
1
10
100
1000
10000
-60
-40
-20
0
20
40
60
80
100
120140
PI3749-00-LGIZ vs. Temperature, Assuming 50% Derating and GB
Temperature (°C)
MTBF Calculations Over Temperature Using Telcordia SR-332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com