Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 21 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 21 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 17Page - Vicor Corporation PI3749 Datasheet HTML 18Page - Vicor Corporation PI3749 Datasheet HTML 19Page - Vicor Corporation PI3749 Datasheet HTML 20Page - Vicor Corporation PI3749 Datasheet HTML 21Page - Vicor Corporation PI3749 Datasheet HTML 22Page - Vicor Corporation PI3749 Datasheet HTML 23Page - Vicor Corporation PI3749 Datasheet HTML 24Page - Vicor Corporation PI3749 Datasheet HTML 25Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 21 of 26
09/2016
800 927.9474
PI3749-x0
I2C Parameter Readback
Fault Monitoring
The fault bits in the FLT2 and FLT3 registers are only latched when the regulator first stops operating due to a given fault type. If the
regulator is already not operating (perhaps due to a fault protection or being disabled) then should a new fault condition occur, the fault bit
associated with the new fault will not be registered.
Both versions of the PI3749-x0 will auto recover from any fault protection mechanism, once the fault is corrected. However in order to aid in
monitoring of the regulator via the I2C fault monitoring registers, when a fault occurs, the associated fault bit(s) will set and latch until they
are explicitly cleared by the I2C host using the FLTREG_CLR register.
A write to the FLTREG_CLR register address will clear all latched fault register bits.
I2C Volatile Addresses for Parameter Programming
Register
Name
Register
Address
Bit <7>
Bit <6>
Bit <5>
Bit <4>
Bit <3>
Bit <2>
Bit <1>
Bit <0>
FLT2
2
TRISE
OTP
VOUT_NEG
VOUT_OV
EAIN_HI
VIN_OV
VIN_UV
VCC_UV
FLT3
3
0
0
0
0
Q1_FIL
Q3_SIL
Q3_FIL
SLOW_IL
FLTREG_CLR
4
Write only, data ignored
Table 4 — PI3749-20 Fault Readback/Clear Registers
Fault Bit
Name
Fault Bit
Location
Fault Destination
TRISE
FLT2, Bit<7>
Overtemperature Protection: The predicted maximum hot-spot temperature, based on measured temperature and loading,
exceeded the maximum safe operating temperature.
OTP
FLT2, Bit<6>
Overtemperature Protection: The internal measured temperature exceeded the maximum safe operating temperature.
VOUT_NEG
FLT2, Bit<5>
VOUT negative fault. The output voltage was below ground.
VOUT_OV
FLT2, Bit<4>
Output Overvoltage protection.
EAIN_HI
FLT2, Bit<3>
Current Limit: Overload Timeout.
VIN_OV
FLT2, Bit<2>
Input Overvoltage Lockout.
VIN_UV
FLT2, Bit<1>
Input Undervoltage Lockout.
VCC_UV
FLT2, Bit<0>
VCC undervoltage. The internal bias supply faulted due to undervoltage.
Q1_FIL
FLT3, Bit<3>
Current Limit: Fast current limit (Q1) The peak current through Q1 and the inductor was higher than
the maximum current allowed.
Q3_SIL
FLT3, Bit<2>
Current Limit: Slow current limit (Q3)
Q3_FIL
FLT3, Bit<1>
Current Limit: Fast current limit (Q3) The peak current through Q3 and the inductor was higher than
the maximum current allowed.
SLOW_IL
FLT3, Bit<0>
Current Limit: Slow current limit.
Register
Name
Register
Address
Readback
capable?
Bit <3>
Bit <2>
Bit <1>
Bit <0>
MRGN
5
Yes
MRGN_ENA
MRGN<2>
MRGN<1>
MRGN<0>
Table 6 — PI3749-20 Parameter Programming Volatile Registers
Table 5 — Fault register bit summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com