Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 22 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 22 Page - Vicor Corporation

Back Button PI3749 Datasheet HTML 18Page - Vicor Corporation PI3749 Datasheet HTML 19Page - Vicor Corporation PI3749 Datasheet HTML 20Page - Vicor Corporation PI3749 Datasheet HTML 21Page - Vicor Corporation PI3749 Datasheet HTML 22Page - Vicor Corporation PI3749 Datasheet HTML 23Page - Vicor Corporation PI3749 Datasheet HTML 24Page - Vicor Corporation PI3749 Datasheet HTML 25Page - Vicor Corporation PI3749 Datasheet HTML 26Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 22 of 26
09/2016
800 927.9474
PI3749-x0
MRGN: Margin Control
By default, output voltage margining is disabled, corresponding to B3 being cleared. In this case, the reference to the error amplifier is at its
nominal value of 1.700V. When margining is enabled, the reference can be modified in 85 mV steps according to Table 7.
The MRGN state is always controlled by four bit wide volatile register. At power up, the register always resets to 4’b0000. The MRGN
address can be freely read and written, as there are no one-time programmable fuses involved.
MRGN state
MRGN data
Resultant Margin Function
MRGN_ENA<3>
MRGN<2..0>
Margin active?
Reference Voltage (V)
1
100
Yes
1.360
1
101
Yes
1.445
1
110
Yes
1.530
1
111
Yes
1.615
0
xxx
No (data ignored), default
1.700
1
000
Yes
1.785
1
001
Yes
1.870
1
010
Yes
1.955
1
011
Yes
2.040
Table 7 — Margin control register programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com