Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3749 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3749
Description  16V to 34VIN, 12V to 28VOUT, 240W Cool-Power ZVS Buck-Boost
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3749 Datasheet(HTML) 2 Page - Vicor Corporation

  PI3749 Datasheet HTML 1Page - Vicor Corporation PI3749 Datasheet HTML 2Page - Vicor Corporation PI3749 Datasheet HTML 3Page - Vicor Corporation PI3749 Datasheet HTML 4Page - Vicor Corporation PI3749 Datasheet HTML 5Page - Vicor Corporation PI3749 Datasheet HTML 6Page - Vicor Corporation PI3749 Datasheet HTML 7Page - Vicor Corporation PI3749 Datasheet HTML 8Page - Vicor Corporation PI3749 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.6
vicorpower.com
Page 2 of 26
09/2016
800 927.9474
PI3749-x0
Contents
Contents
Page
Order Information
3
Absolute Maximum Ratings
3
Pin Description
4
Package Pin-Out
5
Large Pin Blocks
5
Storage and Handling Information
6
Block Diagram
6
Electrical Characteristics
7
Performance Characteristics
10
Efficiency & Power Loss
12
Safe Operating Area
12
Thermal De-Rating
13
MTBF
14
Functional Description
15
Enable
15
Switching Frequency Synchronization
15
Soft-Start and Tracking
15
Remote Sensing Differential Amplifier
15
Power Good
15
Output Current Limit Protection
15
Input Undervoltage Lockout
15
Input Overvoltage Lockout
15
Output Overvoltage Protection
15
Overtemperature Protection
16
Pulse Skip Mode (PSM)
16
Variable Frequency Operation
16
IMON Amplifier
16
I2C Interface Operation
16
Contents
Page
Applications Information
17
Input / Output Range Limitation
17
Output Voltage Trim
17
Soft-Start Adjustment and Tracking
17
Inductor Pairing
17
Thermal De-rating
17
Filter Considerations
17
Parallel Operation
18
I2C Addressing
20
I2C Command Structure
20
I2C Parameter Readback
21
I2C Volatile Addresses for Parameter Programming
21
MRGN: Margin Control
22
Package Drawings
23
Receiving PCB Pattern Design Recommendations
24
Revision History
25
Warranty
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com