Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 7 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button QPI-21 Datasheet HTML 3Page - Vicor Corporation QPI-21 Datasheet HTML 4Page - Vicor Corporation QPI-21 Datasheet HTML 5Page - Vicor Corporation QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation QPI-21 Datasheet HTML 10Page - Vicor Corporation QPI-21 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 7 of 15
08/2015
800 927.9474
QPI-21
Attenuation Test Setups
BUS+
QPI+
BUS-
QPI-
QPI
VIN+
VOUT+
VIN-
VOUT-
CONVERTER
CY5
CY6
C2
C1
47uF
LISN
LISN
PCB Plane Under Converter
100uF
~1.25m
Shielded Box
QPI CB1 Board
BUS
SUPPLY
Shield Plane (Earth Ground)
Optional Chassis Connection
Figure 11 — Open-frame EMI test setup using the QPI-21-CB1 carrier board with 48V converter
BUS+
QPI+
BUS-
QPI-
QPI
VIN+
VOUT+
VIN-
VOUT-
CONVERTER
CY1
CY2
CY3
CY4
C2
C1
47uF
LISN
LISN
PCB Plane Under Converter
100uF
~1.25m
Shielded Box
Shield Plane (Earth Ground)
QPI CB1 Board
BUS
SUPPLY
Figure 12 — Base-plate EMI test setup using the QPI-21-CB1 carrier board with 48V converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com