Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 12 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation QPI-21 Datasheet HTML 10Page - Vicor Corporation QPI-21 Datasheet HTML 11Page - Vicor Corporation QPI-21 Datasheet HTML 12Page - Vicor Corporation QPI-21 Datasheet HTML 13Page - Vicor Corporation QPI-21 Datasheet HTML 14Page - Vicor Corporation QPI-21 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 12 of 15
08/2015
800 927.9474
QPI-21
Mechanicals
0.174 [4.420 mm]
0.979" [24.867 mm]
0.006" [0.15mm] max.
0.979" [24.867 mm]
Pin 1
21LZ-01
π
Figure 21 — Open-frame Package dimensions, tolerance of ±0.004”. Pick and Place from label center.
0.998" [25.35 mm]
0.998" [25.35 mm]
0.206" [5.23 mm]
0.006" [0.15mm] max.
Pin 1 indicator
QPI-21LZ
U.S. and Foreign Patents/Patents Pending
Lot #
Date Code
Figure 20 — Lidded Package Dimensions, tolerance of ±0.004”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com