Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 14 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation QPI-21 Datasheet HTML 10Page - Vicor Corporation QPI-21 Datasheet HTML 11Page - Vicor Corporation QPI-21 Datasheet HTML 12Page - Vicor Corporation QPI-21 Datasheet HTML 13Page - Vicor Corporation QPI-21 Datasheet HTML 14Page - Vicor Corporation QPI-21 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 14 of 15
08/2015
800 927.9474
QPI-21
QPI-21 PCB Layout Recommendations
Figure 24 — 3D view of paralleling planes underneath the QPI-21
PCB Layout
When laying out the QPI-21 EMI filter it is important for the designer
to be aware of the radiated EMI field that all converters emit and to
place the QPI-21 outside of this field area. It is also recommended
that the bus lines feeding into the QPI filter are not routed such that
they lie between the QPI and the converter, or that their copper
planes over-lap on inner layers. This can cause EMI noise to be
coupled from input to output via the parasitic capacitance between
the planes.
When using converters that have a large field of radiated EMI
surrounding them, the QPI-21 must be located outside of this area of
radiation, with the BUS voltage pins located on the side farthest away
from the converter. This is to keep the radiated EMI from by-passing
the filter and coupling directly to the BUS feeds.
Post Solder Cleaning
The LZ version QP SIPs are not hermetically sealed and must not be
exposed to liquid, including but not limited to cleaning solvents,
aqueous washing solutions or pressurized sprays. When soldering, it
is recommended that no-clean flux solder be used, as this will ensure
that potentially corrosive mobile ions will not remain on, around, or
under the module following the soldering process. For applications
where the end product must be cleaned in a liquid solvent, Picor
recommends using the QPI-21LZ-01, open-frame version of the
EMI filter.
QPI-21 Mechanical Data
Datum
Units
QPI-21LZ
QPI-21LZ-01
Notes
FITS
Failure/Billion Hrs.
208
208
FITS based on the BellCore Standard TR-332
MTBF
Million Hrs.
4.8
4.8
MTBFs based on the BellCore Standard TR-332
Weight
grams
6.5
5.2
MSL
3
3
Peak reflow Temperature
°C/20 seconds
245
245
IPC/JEDEC J-STD-020D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com