Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 10 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation QPI-21 Datasheet HTML 10Page - Vicor Corporation QPI-21 Datasheet HTML 11Page - Vicor Corporation QPI-21 Datasheet HTML 12Page - Vicor Corporation QPI-21 Datasheet HTML 13Page - Vicor Corporation QPI-21 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 10 of 15
08/2015
800 927.9474
QPI-21
Common Mode
Differential Mode
Frequency (MHz)
90
80
70
60
50
40
30
20
10
0
0.01
0.1
110
Figure 17 — Attenuation curves into a 50Ω line impedance,
bias from a 48 V bus
QPI Insertion Loss Measurements
QPI Application Circuits — Filtering Parallel Converters
CY2
Shield
BUS+
QPI+
BUS-
QPI-
IN+
IN-
OUT+
OUT-
BUS+
BUS-
Chassis/Shield
47 µF
CIN
LOAD
+
+
PC
PR
SENSE+
SC
SENSE-
XY+
XY-
CY4
CY3
Shield
BUS+
QPI+
BUS-
QPI-
IN+
IN-
OUT+
OUT-
CIN
+
+
PC
PR
SENSE+
SC
SENSE-
XY+
XY-
47 µF
QPI-21
QPI-21
Figure 16 — Dual QPI-21’s filtering paralleled converters feeding a common load.[e]
[e] CIN1 and CIN2, CY1 through CY8, should be the value and voltage rating recommended by the converter’s manufacturer.
QPI Insertion Loss Equation
Insertion
Loss = 20 log
I
INA
I
INB
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com