Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 4 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 4 Page - Vicor Corporation

  QPI-21 Datasheet HTML 1Page - Vicor Corporation QPI-21 Datasheet HTML 2Page - Vicor Corporation QPI-21 Datasheet HTML 3Page - Vicor Corporation QPI-21 Datasheet HTML 4Page - Vicor Corporation QPI-21 Datasheet HTML 5Page - Vicor Corporation QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 4 of 15
08/2015
800 927.9474
QPI-21
Applications Information
EMI Sources
Many of the components in today’s power conversion modules are
sources of high-frequency EMI noise generation. Diodes, high-
frequency switching devices, transformers and inductors, and circuit
layouts passing high dv/dt or di/dt signals are all potential sources
of EMI.
EMI is propagated either by radiated or conductive means. Radiated
EMI can be sourced from these components as well as by circuit
loops that act like antennas and broadcast the noise signals to
neighboring circuit paths. This also means that these loops can act as
receivers of a broadcasted signal. This radiated EMI noise can be
reduced by proper circuit layout and by shielding potential sources
of EMI transmission.
There are two basic forms of conducted EMI that typically need to be
filtered; namely common-mode (CM) and differential-mode (DM)
EMI. Differential-mode resides in the normal power loop of a power
source and its load; where the signal travels from the source to the
load and then returns to the source. Common-mode is a signal that
travels through both leads of the source and is returned to earth via
parasitic pathways, either capacitively or inductively coupled.
Figure 6 to Figure 9 are the resulting EMI plots, after filtering by the
QPI-21, of the total noise, both common and differential mode, of a
DOSA (Distributed-power Open Standards Alliance) compliant
converter. These converters are mounted on a QPI-21 evaluation
board and tested under various loads. The red and blue traces
represent the positive and negative branches of total noise, as
measured using an industry standard LISN setup, as is shown in
Figures 11 to 13.
Differential-mode EMI is typically larger in magnitude than
common-mode, since common-mode is produced by the physical
imbalances in the differential loop path. Reducing differential EMI
will cause a reduction in common-mode EMI.
Passive EMI Filtering
The basic premise of filtering EMI is to insert a high-impedance, at
the EMI’s base frequency, in both the differential and common-mode
paths as it returns to the power source. Passive filters use common-
mode chokes and “Y” capacitors to filter out common-mode EMI.
These chokes are designed to present a high-impedance at the EMI
frequency in series with the return path, and a low impedance path
to the earth signal via the “Y” caps. This network will force the EMI
signals to re-circulate within a confined area and not to propagate to
the outside world. Often two common-mode networks are required
to filter EMI within the frequency span required to pass the
EN55022 class B limits.
The other component of the passive filter is the differential LC
network. Again, the inductor is chosen such that it will present a
high-impedance in the differential EMI loop at the EMI’s base
frequency. The differential capacitor will then shunt the EMI back to
its source. The QPI-21 was specifically designed to work with
conventional switching frequency converters like Vicor’s Brick
products; Micro, Mini and Maxi modules; as well as converters from
various vendors.
Active EMI Filtering
The QPI-21 active EMI filter uses the same basic principles for
filtering as the passive approach, but its active common-mode filter
can perform as well as a passive filter, when filtering lower
frequencies, in much less board area and power dissipation.
Typically, the lower the frequency the greater the needed inductance
would be to properly filter the EMI signal. This means either a larger
core or a greater number of turns on a smaller core. A larger core
requires more board space, where a smaller core with more turns has
a greater amount of unwanted parasitics that can affect the filters
ability to attenuate EMI signals.
Figure 3 is a simplified schematic of the QPI-21’s active and passive
circuitry used for EMI filtering. The QPI-21’s active filter uses a small
high-frequency common-mode transformer to filter the higher
frequencies and adds a sensing element to
it so that the lower frequency common mode signal can be sensed
and a correction signal can be generated and inserted into the shield
connection. By this means, the QPI-21 is capable of providing EMI
filtering of converters in far less space than standard passive filters
and can provide filtering over the entire EN55022 class B range.
EMI Management
The more effectively EMI is managed at the source, namely the
power converter, the less EMI attenuation will be required to meet a
given standard. The addition of “Y” capacitors to the input and
output power nodes of the converter will help to limit the amount of
common mode EMI that will propagate to the input source.
CM w/Aux Winding
LDM
CDM
Y Caps
Active CM Filter
Figure 3 — Simplified Active EMI filter circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com