Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 3 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 3 Page - Vicor Corporation

  QPI-21 Datasheet HTML 1Page - Vicor Corporation QPI-21 Datasheet HTML 2Page - Vicor Corporation QPI-21 Datasheet HTML 3Page - Vicor Corporation QPI-21 Datasheet HTML 4Page - Vicor Corporation QPI-21 Datasheet HTML 5Page - Vicor Corporation QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 3 of 15
08/2015
800 927.9474
QPI-21
Pad Descriptions
XY+
XY-
QPI+
QPI-
BUS+
BUS-
Shield
3
11
12
4
2
10
1
9
5
13
6
7
8
14
15
16
Pin Name
Name
Description
12, 13, 14
BUS+
Positive bus potential
1, 5, 16
BUS-
Negative bus potential
7, 8, 9
QPI+
Positive input to the converter
4, 5, 6
QPI-
Negative input to the converter
2, 3
Shield
Shield connects to the system chassis or to a safety ground.
10
XY-
Negative rail node for additional X filtering capacitance. Adding Y capacitors from this pin to ground
is not recommended.
11
XY+
Positive rail node for additional X capacitance. Adding Y capacitors from this pin to ground is not
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com