Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 13 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation QPI-21 Datasheet HTML 10Page - Vicor Corporation QPI-21 Datasheet HTML 11Page - Vicor Corporation QPI-21 Datasheet HTML 12Page - Vicor Corporation QPI-21 Datasheet HTML 13Page - Vicor Corporation QPI-21 Datasheet HTML 14Page - Vicor Corporation QPI-21 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 13 of 15
08/2015
800 927.9474
QPI-21
Pad and Stencil Definitions
13 places
45.000°
0.1250"
0.000
0.041
0.082
0.000
0.041
0.082
0.000
0.041
0.082
0.145
R0.041
2 places
0.000
0.043
0.085
0.149
0.000
0.043
0.086
0.000
0.043
0.086
R0.043
0.129"
0.112"
0.000
0.037
0.073
0.000
0.037
0.073
0.000
0.037
0.073
0.129
R0.037
SIP Pad Detail:
Receiving Pad Detail:
Stencil Detail:
1 place
Figure 23 — Recommended receptor and stencil patterns. (All dimensions are in inches.)
0.979" (OF)
0.996" (LID)
0.000"
0.000"
0.000"
0.000"
0.000"
0.100"
0.300"
0.441"
0.100"
0.300"
0.441"
0.000"
0.100"
0.300"
0.441"
0.100"
0.300"
0.441"
0.979" (OF)
0.996" (LID)
QPI-21 PCB
Receptor Paern
(Top View)
QPI-21 LGA
Paern
(Boom View)
Figure 22 — Bottom view of open-frame (OF) and lidded (LID) products. (All dimensions are in inches.)
Stencil definition is based on a 6mil stencil thickness, 80% of LGA
pad area coverage. LGA Package dimensions are for both the
Open-Frame and Lidded versions of the QPI-21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com