Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 2 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 2 Page - Vicor Corporation

  QPI-21 Datasheet HTML 1Page - Vicor Corporation QPI-21 Datasheet HTML 2Page - Vicor Corporation QPI-21 Datasheet HTML 3Page - Vicor Corporation QPI-21 Datasheet HTML 4Page - Vicor Corporation QPI-21 Datasheet HTML 5Page - Vicor Corporation QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 2 of 15
08/2015
800 927.9474
QPI-21
Order Information
Electrical Characteristics
Parameter limits apply over the operating temp. range, unless otherwise noted.
Absolute Maximum Ratings
Exceeding these parameters may result in permanent damage to the product. CY1 to CY4, referenced in all schematics, are 4.7nF hi-voltage safety capacitors;
Vishay VY1472M63Y5UQ63V0 or equivalent. CIN is the converter manufacturer’s recommended value for input capacitor.
[c] QPI-21LZ is a non-hermetically sealed package. Please read the “Post Solder Cleaning” section on Page 14.
[d] See Figure 14 for the current de-rating curve.
Part Number
Part Number
QPI-21LZ[c]
QPI-21 LGA Package, RoHS Compliant
QPI-21LZ-01
QPI-21 LGA Package, RoHS Compliant, open frame package
Evaluation Board Also Available
QPI-21-CB1
A QPI-21LZ mounted on a carrier board designed for use with DOSA compliant footprint dc-dc converters. Screw terminal blocks to
allow for easy connection into an existing system.
Name
Rating
Input Voltage, BUS+ to BUS-, continuous
-80 to 80 Vdc
Input Voltage, BUS+ to BUS-, 100 ms transient
-100 to 100 Vdc
BUS+/ BUS- to Shield pads, hi-pot
-1500 to 1500 Vdc
Input to output current, continuous @ 25°C TA
14 Adc
Input to output current, 10 seconds @ 25°C TA
20 Adc
Power dissipation, @ 65°C TA, 14 A[d]
2.9 W
Operating temperature - TA
-40 to 125°C
Thermal resistance[d] - RθJ-A, using PCB layout in Figure 24
20°C/W
Thermal resistance[d] - RθJ-PCB
8°C/W
Storage temperature, JEDEC Standard J-STD-033B
-55 to 125°C
Reflow temperature, 20 s exposure
245°C
ESD, Human body model (HBM)
-2000 to 2000 V
Parameter
Conditions
Min
Typ
Max
Unit
BUS+ to BUS- input range
Measured at 14 A, 65°C ambient temperature[d]
30
80
Vdc
BUS+ to QPI+ voltage drop
Measured at 14 A, 65°C ambient temperature[d]
156
mVdc
BUS- to QPI- voltage drop
Measured at 14 A, 65°C ambient temperature[d]
50
mVdc
Common mode attenuation
VBUS = 48 V, Frequency = 250 KHz, line impedance = 50 Ω
45
dB
Differential mode attenuation
VBUS = 48 V, Frequency = 250 KHz, line impedance = 50 Ω
80
dB
Input bias current at 80 V
Input current from BUS+ to BUS-
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com