Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 8 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button QPI-21 Datasheet HTML 4Page - Vicor Corporation QPI-21 Datasheet HTML 5Page - Vicor Corporation QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation QPI-21 Datasheet HTML 10Page - Vicor Corporation QPI-21 Datasheet HTML 11Page - Vicor Corporation QPI-21 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 8 of 15
08/2015
800 927.9474
QPI-21
Current De-Rating — Mounted to QPI-21-EVAL1 evaluation board.
Figure 13 — Base-plate EMI test setup using the QPI-21-CB1 carrier board with 48 V converter
Ambient Temperature (°C)
QPI-21 Current
QPI-21 Power Dissipation
0
2
4
6
8
10
12
14
16
-40
-15
10
35
60
85
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 14 — Current de-rating and power dissipation over ambient temperature range
Attenuation Test Setups
BUS+
QPI+
BUS-
QPI-
QPI
VIN+
VOUT+
VIN-
VOUT-
CONVERTER
CY1
CY2
CY3
C2
C1
47uF
LISN
LISN
PCB Plane Under Converter
100uF
~1.25m
Shielded Box
Shield Plane (Earth Ground)
QPI CB1 Board
BUS
SUPPLY
In Figures 11, 12 and 13, C1 is the required 47 uF capacitor (United
Chemi-Con EMVE101ARA470MKE0S or equivalent), C2 is a
converter input cap (value dependent on converter), and the CY
capacitors are high-voltage, 4.7 nF ceramics (Murata’s
GRM31BR73A472KW01L or equivalent).
The de-rating curve in Figure 14 is based on the maximum allowable
internal component temperature and the 14 A maximum rating of
the QPI-21. The power dissipation curve is based on the current
squared multiplied by the internal resistance between the inputs and
outputs of the filter. The internal resistance temperature coefficient is
compensated for in the power dissipation curve. The left Y axis is in
amps for the solid trace, the right Y axis is in watts for the
dashed trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com