Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-21 Datasheet(PDF) 6 Page - Vicor Corporation

Part # QPI-21
Description  Active EMI Input Module for 48 Vdc Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-21 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button QPI-21 Datasheet HTML 2Page - Vicor Corporation QPI-21 Datasheet HTML 3Page - Vicor Corporation QPI-21 Datasheet HTML 4Page - Vicor Corporation QPI-21 Datasheet HTML 5Page - Vicor Corporation QPI-21 Datasheet HTML 6Page - Vicor Corporation QPI-21 Datasheet HTML 7Page - Vicor Corporation QPI-21 Datasheet HTML 8Page - Vicor Corporation QPI-21 Datasheet HTML 9Page - Vicor Corporation QPI-21 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Quiet-Power®
Rev 1.5
vicorpower.com
Page 6 of 15
08/2015
800 927.9474
QPI-21
Figure 6 — Ericsson PKM 4402NG using open-frame “Y” capacitors on
QPI-21-CB1 evaluation board, 414 W load
Attenuation Plots — All converters have their output ground connected to chassis/earth ground.
Figure 8 — Ericsson PKM4304B PI using base-plate “Y” capacitors
with a 360 W load
Figure 7 — Ericsson PKM 4402NG using open-frame “Y” capacitors on
QPI-21-CB1 evaluation board, 414 W load, converter’s output
ground connected to earth
Figure 9 — Ericsson PKM4304B PI using base-plate “Y” capacitors
with a 360 W load, CX1 = 47uF (see Figure 2).
The EMI results shown in Figures 6 and 7 are of the total noise
measured using the QPI-21 in an "open-frame" topology, as shown
in Figure 5, with and without the converter's ground tied to
chassis/earth.
The EMI results shown in Figures 8 and 9 are of the total noise
measured using the QPI-21 in an "base-plate" topology, as shown in
Figure 2, with and without the optional CX1 capacitor in use.
Using EMI splitters, the peak EMI at the fundamental switching
frequency was determined to be mostly differential mode current.
The addition of a 47 μF capacitor reduced the total peak by about
6dBuV, as shown in Figure 10.
Figure 10 — CM Peak Measurements with a 10 µF and 47 µF
CX1 capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com