Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8415A-CS Datasheet HTML 6Page - Cirrus Logic CS8415A-CS Datasheet HTML 7Page - Cirrus Logic CS8415A-CS Datasheet HTML 8Page - Cirrus Logic CS8415A-CS Datasheet HTML 9Page - Cirrus Logic CS8415A-CS Datasheet HTML 10Page - Cirrus Logic CS8415A-CS Datasheet HTML 11Page - Cirrus Logic CS8415A-CS Datasheet HTML 12Page - Cirrus Logic CS8415A-CS Datasheet HTML 13Page - Cirrus Logic CS8415A-CS Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
CS8415A
10
2. TYPICAL CONNECTION DIAGRAM
RXP0
RXN0
AES3/
SPDIF
Sources
Clock Control
RMCK
Hardware
Control
RST
RERR
EMPH
3-wire Serial
Audio Input
Device
OLRCK
OSCLK
SDOUT
SDA/CDOUT
AD0/CS
SCL/CCLK
AD1/CDIN
U
INT
VA+
V L+
Ferrite *
Bead
+5V
Analog
Supply *
Digital
Supply
0.1 F
µ
0.1 F
µ
* A separate analog supply is only necessary in applications where RMCK is used
for a jitter sensitive task. For applications where RMCK is not used for a jitter
sensitive task, connect VA+ to VD+ via a ferrite bead. Keep the decoupling
capacitor between VA+ and AGND.
DGND
FILT
AGND
RFILT
CFILT
CRIP
H/S
DGND2
RXP1
RXP2
RXP3
RXP4
RXP5
RXP6
CS8415A
+3.3V or +5V
**
** Please see section 5.1 "7:1 S/PDIF Input Multiplexer" and Appendix A for typical
input configurations and recommended input circuits.
A2
D
/
Microcontroller
Figure 5. Recommended Connection Diagram for Software Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com