Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 1 Page - Cirrus Logic

  CS8415A-CS Datasheet HTML 1Page - Cirrus Logic CS8415A-CS Datasheet HTML 2Page - Cirrus Logic CS8415A-CS Datasheet HTML 3Page - Cirrus Logic CS8415A-CS Datasheet HTML 4Page - Cirrus Logic CS8415A-CS Datasheet HTML 5Page - Cirrus Logic CS8415A-CS Datasheet HTML 6Page - Cirrus Logic CS8415A-CS Datasheet HTML 7Page - Cirrus Logic CS8415A-CS Datasheet HTML 8Page - Cirrus Logic CS8415A-CS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2002
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
Features
! Complete EIAJ CP1201, IEC-60958, AES3,
S/PDIF compatible receiver
! +5 V Analog Supply (VA)
! +3 V to +5 V Digital Interface Supply (VL)
! 7:1 S/PDIF Input MUX
! Flexible 3-wire serial digital output port
! 8 kHz to 96 kHz sample frequency range
! Low jitter clock recovery
! Pin and microcontroller read access to
Channel Status and User data
! Microcontroller and standalone modes
! Differential cable receiver
! On-chip Channel Status and User data buffer
memories
! Auto-detection of compressed audio input
streams
! Decodes CD Q sub-code
! OMCK System Clock Mode
General Description
The CS8415A is a monolithic CMOS device which re-
ceives and decodes one of 7 channels of audio data
according to the IEC60958, S/PDIF, EIAJ CP1201, or
AES3. The CS8415A has a serial digital audio output
port and comprehensive control ability through a 4-wire
microcontroller port. Channel status and user data are
assembled in block sized buffers, making read access
easy.
A low jitter clock recovery mechanism yields a very
clean recovered clock from the incoming AES3 stream.
Stand-alone operation allows systems with no micro-
controller to operate the CS8415A with dedicated output
pins for channel status data.
Target applications include A/V receivers, CD-R, DVD
receivers, multimedia speakers, digital mixing consoles,
effects processors, set-top boxes, and computer and
automotive audio systems.
ORDERING INFOMATION
CS8415A-CS 28-pin SOIC
-10 to +70°C
CS8415A-CZ 28-pin TSSOP
-10 to +70°C
CS8415A-IS
28-pin SOIC
-40 to +85°C
CS8415A-IZ
28-pin TSSOP
-40 to +85°C
CDB8415A
Evaluation Board
I
Clock &
Data
Recovery
Misc.
Control
Serial
Audio
Output
Receiver
AES3
S/PDIF
Decoder
C& U bit
Data
Buffer
Control
Port &
Registers
RXN0
RXP6
OLRCK
OSCLK
SDOUT
RST
EMPH U
SDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
INT
VA+ AGND FILT
RERR
VL+
DGND
H/S
RMCK
RXP5
RXP4
RXP3
RXP2
RXP1
RXP0
7:1
MUX
OMCK
CS8415A
96 kHz Digital Audio Interface Receiver
JAN ‘03
DS470PP4


Similar Part No. - CS8415A-CS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8415A-CS CIRRUS-CS8415A-CS Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8415A-CSR CIRRUS-CS8415A-CSR Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8415A-CSZ CIRRUS-CS8415A-CSZ Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8415A-CSZR CIRRUS-CS8415A-CSZR Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
More results

Similar Description - CS8415A-CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com