Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CS Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS8415A-CS
Description  96 kHz DIGITAL AUDIO INTERFACE RECEIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CS Datasheet(HTML) 3 Page - Cirrus Logic

  CS8415A-CS Datasheet HTML 1Page - Cirrus Logic CS8415A-CS Datasheet HTML 2Page - Cirrus Logic CS8415A-CS Datasheet HTML 3Page - Cirrus Logic CS8415A-CS Datasheet HTML 4Page - Cirrus Logic CS8415A-CS Datasheet HTML 5Page - Cirrus Logic CS8415A-CS Datasheet HTML 6Page - Cirrus Logic CS8415A-CS Datasheet HTML 7Page - Cirrus Logic CS8415A-CS Datasheet HTML 8Page - Cirrus Logic CS8415A-CS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
CS8415A
3
8.4 Serial Audio Output Port Data Format (06h) .................................................................... 21
8.5 Interrupt 1 Status (07h) (Read Only) ................................................................................ 22
8.6 Interrupt 2 Status (08h) (Read Only) ................................................................................ 23
8.7 Interrupt 1 Mask (09h) ......................................................................................................23
8.8 Interrupt 1 Mode MSB (0Ah) and Interrupt 1 Mode LSB(0Bh).......................................... 23
8.9 Interrupt 2 Mask (0Ch)......................................................................................................24
8.10 Interrupt 2 Mode MSB (0Dh) and Interrupt 2 Mode LSB(0Eh) ....................................... 24
8.11 Receiver Channel Status (0Fh) (Read Only) .................................................................. 24
8.12 Receiver Error (10h) (Read Only)................................................................................... 25
8.13 Receiver Error Mask (11h) ............................................................................................. 26
8.14 Channel Status Data Buffer Control (12h) ...................................................................... 26
8.15 User Data Buffer Control (13h) ....................................................................................... 27
8.16 Q-Channel Subcode Bytes 0 to 9 (14h - 1Dh) (Read Only) ........................................... 27
8.17 OMCK/RMCK Ratio (1Eh) (Read Only).......................................................................... 27
8.18 C-bit or U-bit Data Buffer (20h - 37h) ............................................................................. 27
8.19 CS8415A I.D. and Version Register (7Fh) (Read Only) ................................................. 27
9. PIN DESCRIPTION - SOFTWARE MODE ............................................................................. 28
10. HARDWARE MODE .............................................................................................................30
10.1 Serial Audio Port Formats ............................................................................................. 30
11. PIN DESCRIPTION - HARDWARE MODE .......................................................................... 31
12. APPLICATIONS .................................................................................................................. 33
12.1 Reset, Power Down and Start-up .................................................................................. 33
12.2 ID Code and Revision Code .......................................................................................... 33
12.3 Power Supply, Grounding, and PCB layout ................................................................... 33
13. PACKAGE DIMENSIONS ................................................................................................... 34
14. APPENDIX A: EXTERNAL AES3/SPDIF/IEC60958 RECEIVER COMPONENTS ............. 36
14.1 AES3 Receiver External Components ........................................................................... 36
14.2 Isolating Transformer Requirements ............................................................................. 36
15. APPENDIX B: CHANNEL STATUS AND USER DATA BUFFER MANAGEMENT ........... 38
15.1 AES3 Channel Status (C) Bit Management ................................................................... 38
15.2 Accessing the E buffer ................................................................................................... 38
15.2.1 Reserving the first 5 bytes in the E buffer ......................................................... 38
15.2.2 Serial Copy Management System (SCMS) ....................................................... 39
15.2.3 Channel Status Data E Buffer Access .............................................................. 39
15.2.3.1 One Byte mode ................................................................................. 39
15.2.3.2 Two Byte mode ................................................................................. 39
15.3 AES3 User (U) Bit Management .................................................................................... 39
16. APPENDIX C: PLL FILTER .................................................................................................. 40
16.1 General .......................................................................................................................... 40
16.2 External Filter Components ........................................................................................... 41
16.2.1 General ............................................................................................................. 41
16.2.2 Capacitor Selection ........................................................................................... 41
16.2.3 Circuit Board Layout ......................................................................................... 41
16.2.4 Component Value Selection ............................................................................. 42
16.2.5 Jitter Attenuation ............................................................................................... 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com